Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE304-24 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE304-24
Description  SMA Male to N Male Precision Cable 24 Inch Length Using 160 Series Coax, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE304-24 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE304-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE304-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE304-24 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE304-24 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Mechanical Specifications
Cable Assembly
Cable Type
160 Series
Temperature
Temperature Operating Range, deg C
-48 to +204
Size
Length, in [mm]
24 [609.6]
Diameter, in [mm]
0.17 [4.32]
.
Weight, lbs [g]
0.038 [17.24]
Cable Color
Blue
One Time Minimum Bend Radius, in [mm]
1 [25.4]
Cable
Center Conductor Type
Solid
Cable Inner Conductor
Copper Clad Steel, Silver
No of Shields
3
Dielectric Type
PTFE
Jacket Material
FEP
Jacket Diameter, in [mm]
0.163 [4.14]
Connector 1
Type
SMA Male
Configuration
Straight
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Connector 2
Type
N Male
Configuration
Straight
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, in.
13/16
Torque, in-lbs [Nm]
15 [1.7]
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE304-24 REV
PE304-24
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to N Male Precision Cable 24 Inch Length Using 160 Series Coax, RoHS PE304-24
SMA Male to N Male Precision Cable 24 Inch
Length Using 160 Series Coax, RoHS


Similar Part No. - PE304-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE304-12 PASTERNACK-PE304-12 Datasheet
240Kb / 4P
   SMA Male to N Male Precision Cable 12 Inch Length Using 160 Series Coax, RoHS
PE304-120 PASTERNACK-PE304-120 Datasheet
239Kb / 4P
   SMA Male to N Male Precision Cable 120 Inch Length Using 160 Series Coax, RoHS
PE304-36 PASTERNACK-PE304-36 Datasheet
240Kb / 4P
   SMA Male to N Male Precision Cable 36 Inch Length Using 160 Series Coax, RoHS
PE304-48 PASTERNACK-PE304-48 Datasheet
240Kb / 4P
   SMA Male to N Male Precision Cable 48 Inch Length Using 160 Series Coax, RoHS
PE304-60 PASTERNACK-PE304-60 Datasheet
240Kb / 4P
   SMA Male to N Male Precision Cable 60 Inch Length Using 160 Series Coax, RoHS
More results

Similar Description - PE304-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE300-24 PASTERNACK-PE300-24 Datasheet
252Kb / 4P
   SMA Male to SMA Male Precision Cable 24 Inch Length Using 160 Series Coax, RoHS
PE308-24 PASTERNACK-PE308-24 Datasheet
238Kb / 4P
   SMA Male to TNC Male Precision Cable 24 Inch Length Using 160 Series Coax, RoHS
PE312-24 PASTERNACK-PE312-24 Datasheet
241Kb / 4P
   SMA Male to QD SMA Male Precision Cable 24 Inch Length Using 160 Series Coax, RoHS
PE306-24 PASTERNACK-PE306-24 Datasheet
235Kb / 4P
   SMA Female to N Male Precision Cable 24 Inch Length Using 160 Series Coax, RoHS
PE302-24 PASTERNACK-PE302-24 Datasheet
235Kb / 4P
   N Male to N Male Precision Cable 24 Inch Length Using 160 Series Coax, RoHS
PE304-36 PASTERNACK-PE304-36 Datasheet
240Kb / 4P
   SMA Male to N Male Precision Cable 36 Inch Length Using 160 Series Coax, RoHS
PE304-120 PASTERNACK-PE304-120 Datasheet
239Kb / 4P
   SMA Male to N Male Precision Cable 120 Inch Length Using 160 Series Coax, RoHS
PE311-24 PASTERNACK-PE311-24 Datasheet
227Kb / 4P
   SMA Male to Push-On SMA Male Precision Cable 24 Inch Length Using 160 Series Coax, RoHS
PE304-60 PASTERNACK-PE304-60 Datasheet
240Kb / 4P
   SMA Male to N Male Precision Cable 60 Inch Length Using 160 Series Coax, RoHS
PE304-12 PASTERNACK-PE304-12 Datasheet
240Kb / 4P
   SMA Male to N Male Precision Cable 12 Inch Length Using 160 Series Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com