Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3092 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 3092
Description  40 MHz Absorptive Notch Absorptive in both directions forward and reverse
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3092 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  3092 Datasheet HTML 1Page - KR Electronics, Inc. 3092 Datasheet HTML 2Page - KR Electronics, Inc. 3092 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
© 2013, KR Electronics, Inc.
3092, Rev 0, March 1, 2013
Passband Amplitude to 1 GHz
(1 dB/div)
KR Electronics, Inc.
Typical Performance
KR Electronics, Inc.
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 3092

ManufacturerPart #DatasheetDescription
logo
Heyco.
3092 HEYCO-3092 Datasheet
117Kb / 1P
   Pry Out Plugs
logo
Tyco Electronics
30926 MACOM-30926 Datasheet
662Kb / 60P
   SOLISTRAND, Budget and DIAMOND GRIP
30927 MACOM-30927 Datasheet
662Kb / 60P
   SOLISTRAND, Budget and DIAMOND GRIP
30928 MACOM-30928 Datasheet
662Kb / 60P
   SOLISTRAND, Budget and DIAMOND GRIP
logo
Belden Inc.
3092A BELDEN-3092A Datasheet
248Kb / 3P
   ControlBus?? Coax RG6, #18 Sol BCCS, PO Ins, QUAD AL Shld, PVC Jkt, CMR
More results

Similar Description - 3092

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3203-8.5 KR-3203-8.5 Datasheet
64Kb / 3P
   8.5 MHz Bidirectional Absorptive Notch
3203-12 KR-3203-12 Datasheet
65Kb / 3P
   12 MHz Bidirectional Absorptive Notch
3203 KR-3203 Datasheet
63Kb / 3P
   10 MHz Bidirectional Absorptive
logo
M/A-COM Technology Solu...
MAAVCC0002 MA-COM-MAAVCC0002 Datasheet
94Kb / 4P
   Voltage Variable Absorptive
AT10-0017 MA-COM-AT10-0017 Datasheet
79Kb / 4P
   Voltage Variable Absorptive
logo
Communications & Power ...
VLL1782 CPI-VLL1782 Datasheet
145Kb / 1P
   UHF Absorptive Limiter
logo
M/A-COM Technology Solu...
MAAV-007092-000100 MA-COM-MAAV-007092-000100_15 Datasheet
89Kb / 4P
   Voltage Variable Absorptive
logo
Peregrine Semiconductor...
PE4246 PEREGRINE-PE4246 Datasheet
462Kb / 8P
   Absorptive SPST UltraCMOS
logo
Tyco Electronics
AT10-0009 MACOM-AT10-0009 Datasheet
236Kb / 3P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
MAAVCC0002 MACOM-MAAVCC0002 Datasheet
244Kb / 3P
   Voltage Variable Absorptive Attenuator 1700 - 2200 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com