Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOM-C3503-650B0E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SOM-C3503-650B0E
Description  COM with TI OMAP35 Series Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-C3503-650B0E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SOM-C3503-650B0E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-C3503-650B0E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
SOM-C3503/C3530
Ordering Information
SOM-3530DK-B00E Design-in Package
Part No.
Description
SOM-C3530DK-B00E
(SOM & carrier board kit)
Evaluation kit for TI OMAP3530 w/ Windows CE 6.0,
256 MB DDR SDRAM, 2 GB NAND flash.
Power cord
1700001947 for 2-pin USA standard power cord
1700001948 for 2-pin power cord for Europe standard
1700001949 for 2-pin power cord for UK standard
SOM-C3503/C3530 COM (Module only)
Part No.
Description
SOM-C3503-650B0E
TI OMAP3503, 128 MB DDR RAM, None onboard flash,
WinCE 6.0 Pro, ROHS
SOM-C3503-650BAE
TI OMAP3503, 128 MB DDR RAM, None onboard Flash,
ROHS
SOM-C3530-668B0E
TI OMAP3530, 256 MB DDR RAM, 2 GB NAND flash,
WinCE 6.0 Pro, ROHS
SOM-C3530-668BAE
TI OMAP3530, 256 MB DDR RAM, 2 GB NAND Flash,
ROHS
Packing List
Bulk packing with 20 pcs in one box
**Sample image and related documentation included with Design-in kit only.
Dimensions
Unit: mm
USB HOST 1
TI OMAP3530 / 3503
ARM Cortex-A8
UART 1
(TTL with 5V Power)
UART 3
Debug Port
Buzzer
Reset
Pin Header
AMI BUS
Line
NAND Flash
2 GB
JTAG Test
DDR RAM
128 MB
RCA
Connector
Level Shift
Ethernet
Transformer
RJ-45
TI_MAX3243
TI SN65HVD11D
XR16L2751
TX, RX (7-pin)
TTL UART 4
(Full Function)
TTL UART 5
(RS-485)
UART 4
D-Sub
Touch Driver
Touch
Connector
Level Shift
VGA D-SUB
15 Pins
TI
TH S8134B
TI
SN65LVDS93DGG
LVDS
Connector
Level Shift
TTL LCD
Connector
ISP 1520 USB
HUB Chip
USB HOST 2
USB HOST 2
USB 3320
USB Host (3-pin)
Touch (4-pin)
2 to 1 MUX
Camera
TV Decoder:
TVP5150AM1
RCA Connector
RTC
Battery
Audio
USB Client
6 x 6 keypad (16 Pins)
TV OUT
SPI 4
Level Shift
Level Shift
I2C Pin
Header
TPS 65930
PMIC
USB 2.0
Client
USB 2.0
Client Conn
TPA2012D2
Amplier
Mic In
Box Header
Speaker Box
Header
8 x 8 keypad
Pin Header
Level Shift
SD 1
Card Slot
SD 2
Card Slot
4-wire TTL UART 1
GPIO 13 (1-pin)
GPIO 8, 9 (2-pin)
SD/MMC 1 (6-pin)
SD/MMC 3 (6-pin)
GPIO 18~25 (8-pin)
GPMC (36-pin) (3V)
Watchdog
TI
485
Phoenix
Conn
TI MAX3243
Suspend
Line Out (Stereo)
Pin Header
CSB
COM
Level Shift
1.3
18.95
49.05
66.7
49.05
18.95
68
0


Similar Part No. - SOM-C3503-650B0E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-C3503-650B0E ADVANTECH-SOM-C3503-650B0E Datasheet
1Mb / 2P
   COM with TI OMAP35 Series Processor
More results

Similar Description - SOM-C3503-650B0E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-C3530 ADVANTECH-SOM-C3530 Datasheet
1Mb / 2P
   COM with TI OMAP35 Series Processor
PCM-C3503 ADVANTECH-PCM-C3503 Datasheet
1Mb / 2P
   SBC with TI OMAP35 Series Processor
PCM-C3530 ADVANTECH-PCM-C3530 Datasheet
1Mb / 2P
   SBC with TI OMAP35 Series Processor
SOM-C3530EVALUATIONKIT ADVANTECH-SOM-C3530EVALUATIONKIT Datasheet
1Mb / 2P
   TI OMAP35 COM with Windows짰 Embedded CE 6.0
PCM-C3530_EVALUATION_KIT ADVANTECH-PCM-C3530_EVALUATION_KIT Datasheet
1,018Kb / 2P
   TI OMAP35 SBC with Windows짰 Embedded CE 6.0
ROM-1210 ADVANTECH-ROM-1210 Datasheet
1Mb / 2P
   COM with Freescale i.MX53 Series Processor
logo
AAEON Technology
GENE-1350 AAEON-GENE-1350 Datasheet
340Kb / 2P
   RISC CPU Board With TI OMAP 3503/3530 Processor
logo
List of Unclassifed Man...
SP-7W61 ETC2-SP-7W61 Datasheet
628Kb / 2P
   Smart Panel with TI AM3715 Sitara Cortex A8 Processor
logo
AAEON Technology
RICO-1460 AAEON-RICO-1460 Datasheet
206Kb / 1P
   2.5??RISC CPU Board With Ti OMAP 4460 Processor
logo
DFI Inc
AL9A3 DFI-AL9A3 Datasheet
1Mb / 2P
   Intel Atom Processor E3900 Series COM Express Mini
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com