Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOM-5790FG-U5A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SOM-5790FG-U5A1E
Description  Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-5790FG-U5A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SOM-5790FG-U5A1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-5790FG-U5A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Computer On Modules
Features
Intel® Core™ i7/i5/i3 Processor
COM-Express Basic Module
SOM-5790
ƒ Embedded Intel® Core™ i7/i5/i3 processor + QM67
ƒ Intel Gfx supports 18/24-bit 2-CH LVDS, VGA
ƒ Supports Dual Channel DDR3-1333 SODIMM sockets up to 16 GB
ƒ Supports 5 PCIex1, 2 SATAIII, 2 SATAII, 8 USB 2.0, IDE, PCI
ƒ Supports iManager, SUSIAccess and Embedded Software APIs
Specifications
Form Factor
COM-Express 2.0 Basic Module, Type 2 Pin-out
Processor System
CPU
Intel Core i7-2715QE Processor (6 M Cache, 2.1 GHz)
Intel Core i7-2655LE Processor (4 M Cache, 2.2 GHz)
Intel Core i7-2610UE Processor (4 M Cache, 1.5 GHz)
Intel Core i5-2515E Processor (3 M Cache, 2.5 GHz)
System Chipset
Intel QM67
BIOS
AMI 64 Mbit Flash BIOS
Memory
Technology
DDR3 1066/1333 MHz
ECC Support
-
Max. Capacity
16 GB
Socket
2 x 204-pin SODIMM sockets
Display
Chipset
Intel GPU integrated in Core i7, Core i5, or Core i3
LVDS
Single and dual channel 18/24-bit LVDS
VGA
up to 2048 x 1536
TV-out
-
Ethernet
Chipset
Intel 82579LM Gigabit Ethernet
Speed
10/100/1000 Mbps
WatchDog Timer
65536 level timer interval, from 0~65535 sec, multi-level, multi-option watchdog timer
Expansion
1 PEGx16, 5 PCIex1, PCI, LPC, SPI, SMBus, I2C
I/O
PATA
1 x EIDE (UDMA 100)
SATA
2 x SATAIII (6.0 Gb/s), 2 x SATAII (3.0 Gb/s)
USB
8 x USB 2.0
Audio
High definition audio interface
GPIO
8-bit GPIO
Power
Power Type
ATX, AT
Power Supply Voltage
+12 V and +5 VSB for ATX, +12V for AT
Environment
Operating Temperature
0 ~ 60° C (32 ~ 140° F)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
Mechanical
Dimensions
125 x 95 mm (4.92" x 3.74")
Monitoring
BIOS flash
Embedded
Security ID
Watchdog
GPIO
H/W Monitor
I2C
SMBus
Software APIs:
Utilities:
Brightness
NEW
All product specifications are subject to change without notice
Last updated : 21-Feb-2013


Similar Part No. - SOM-5790FG-U5A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5790FG-U5A1E ADVANTECH-SOM-5790FG-U5A1E Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SOM-5790FG-U5A1E ADVANTECH-SOM-5790FG-U5A1E Datasheet
768Kb / 2P
   2nd Gen. Intel짰 Core??Processor COM Express짰 Basic Module
More results

Similar Description - SOM-5790FG-U5A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5788 ADVANTECH-SOM-5788_12 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SOM-5790 ADVANTECH-SOM-5790 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3 Processor COM-Express Basic Module
SOM-9890 ADVANTECH-SOM-9890 Datasheet
675Kb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-5890 ADVANTECH-SOM-5890 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-5892 ADVANTECH-SOM-5892 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-5892B1 ADVANTECH-SOM-5892B1_13 Datasheet
663Kb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM-Express Basic Module
SOM-5788 ADVANTECH-SOM-5788 Datasheet
872Kb / 2P
   Intel짰 Intel짰 Core??i7/i5 COM-Express CPU Module
SOM-6894 ADVANTECH-SOM-6894_15 Datasheet
567Kb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 Processor COM Express짰 Compact Module
SOM-5787 ADVANTECH-SOM-5787_11 Datasheet
1Mb / 3P
   Intel짰 Core?? Duo Processor GS45 COM-Express Basic Module
SOM-5786 ADVANTECH-SOM-5786_11 Datasheet
1Mb / 3P
   Intel짰 Core?? Duo Processor GME965 COM-Express Basic Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com