Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM-9389 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCM-9389
Description  Intel짰 Atom??N455/D525 3.5" SBC, DDR3 SODIMM or on-board SDRAM, PC/104, 18/24-bit LVDS, VGA, 2 GbE, 4 COM, LPC, iManager 2.0
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-9389 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCM-9389_13 Datasheet HTML 1Page - Advantech Co., Ltd. PCM-9389_13 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.5" Single Board Computers
Features
PCM-9389
Intel® Atom™ N455/D525 3.5" SBC, DDR3 SODIMM
or on-board SDRAM, PC/104, 18/24-bit LVDS, VGA,
2 GbE, 4 COM, LPC, iManager 2.0
ƒ Intel® Atom™ N455 Single Core/ D525 Dual Core processor + ICH8M, DDR3
on-board memory or SO-DIMM support
ƒ Intel Gen 3.5 DX9, MPEG2 Hardware Decoder, dual independent display:
18/24-bit LVDS, VGA
ƒ Intel Dual GbE supported; Rich I/O interface with 4 COM , 2 SATA, 4 USB and
GPIO connectors
ƒ Integrates internal LPC connector to support four extra COM ports via
PCA-COM232 or PCA-COM485
ƒ Supports iManager, SUSIAccess and Embedded Software APIs
Specifications
Processor System
CPU
Intel Atom N455 Single Core 1.66 GHz Processor
Intel Atom D525 Dual Core 1.8 GHz Processor
Frequency
1.66 GHz on N455, 1.8 GHz on D525
L2 Cache
512 KB/1 MB
System Chipset
Intel N455/D525 + ICH8M
BIOS
AMI 16 Mbit Flash BIOS
Memory
Technology
DDR3 667 MHz for N455, 800 MHz for D525
Max. Capacity
SODIMM sku: 2GB for N455, 4GB for D525
Socket
1 x 204-pin SODIMM
Onboard Memory
1GB (D525 on board memory supported by request)
Display
Chipset
Intel Atom Processor N455 1.66GHz/D525 1.8 GHz
VRAM
Optimized Shared Memory Architecture up to 224 MB system memory
Graphic Engine
Intel Gen 3.5 DX9, MPEG2 hardware decoder
Embedded Gen3.5+ GFX Core
LVDS
LVDS: Single channel 18/24-bit LVDS up to WXGA 1366 x 768
VGA
Intel Atom N455 Single Core up to 1400 x 1050 (SXGA), Intel Atom D525 Dual Core up to 2048 x 1536
TTL
18-bit TTL (by request)
Dual Display
VGA+LVDS, VGA+TTL (TTL support by request)
Ethernet
Speed
10/100/1000 Mbps (Supports Wake on LAN)
Controller
GbE1 Intel 82567V, GbE2 Intel 82583V
Connector
GbE1 on RJ-45, GbE2 on internal box wafer
Audio
Chipset
Realtek ALC892
High Definition Audio (HD), Line-in, Line out, Mic-in
WatchDog Timer
255 levels timer interval, programmable by software. Multi-level WDT (set by iManager)
Storage
CompactFlash
CompactFlash type I/II (Primary Master IDE Channel)
SATA
2 SATA II (Max. Data Transfer Rate 300 MB/s)
Rear I/O
Serial
1 (COM1 supports RS-232) (ESD protection for COM1: Air gap ±15kV, Contact ±8kV)
Ethernet
1 (10/100/1000 Mbps)
PS/2 KB/Mouse
1
VGA
1
Reset Button
1
Internal I/O
USB
4 x USB 2.0
Serial
3 x COM (ESD protection for all COM ports: Air gap ±15kV, Contact ±8kV)
COM3/4 supports RS-232, COM2 supports RS-232/422/485 (Supports RS-485 auto flow control)
SMBus
1
I2C
1 (Shared with SMBus pin)
Ethernet
1 (10/100/1000 Mbps)
GPIO
8-bit GPIO (5V tolerance)
Expansion
PC/104 Expansion (8/16-bit ISA)
1 (No support ISA DMA) (Booted and powered from PC/104 supported by request)
LPC connector
1 (For support of COM ports by PCA-COM232 or PCA-COM485)
Power
Power Type
AT/ATX
Power Supply Voltage
5V+/-5% (12V option for LCD, PC/104)
Power Consumption (Typical)
PCM-9389N: 1.63 A @ 5 V (8.15 W)
PCM-9389D: 1.94 A @ 5 V (9.7 W)
Power Consumption (Max, test in HCT)
PCM-9389N: 2.23 A @ 5 V (11.15 W)
PCM-9389D: 2.9 A @ 5 V (14.5 W)
Power Management
APM, ACPI
Battery
Lithium 3 V/210 mAH
Environment
Operational
0 ~ 60° C (32 ~ 140° F) (Operational humidity: 40° C @ 95% RH Non-Condensing)
Non-Operational
-40° C ~ 85° C and 60° C @ 95% RH Non-Condensing
Physical Characteristics
Dimensions (L x W)
146 x 102 mm (5.7" x 4")
Weight
0.64 kg (1.41 lb), weight of total package
Total Height
26.2 mm for PCM-9389N
29.2 mm for PCM-9389D
Backlight
On/Off
Watchdog
GPIO
H/W
Monitor
Brightness
BIOS flash
Software APIs:
Utilities:
SMBus CPU Speed System
Throttling
VxWorks
®
Embedded
Security ID
NEW
Audio
Fan
SATA
COM2:
RS-232
COM3/4
Internal USB
COM2:
RS-422/485
Power input
TTL
VGA
PS/2
GbE
COM1
LVDS
Inverter
Power
Internal
GbE
HDD&PWR LED
PC/104
GPIO
SMBus
Power Switch
All product specifications are subject to change without notice
Last updated : 16-Jan-2013


Similar Part No. - PCM-9389_13

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-9389D-S8A1E ADVANTECH-PCM-9389D-S8A1E Datasheet
834Kb / 2P
   Intel짰 Atom??N455/D525 3.5" SBC, DDR3 SODIMM/on-board SDRAM, 24-bit LVDS/TTL,VGA, 2 GbE, LPC, CF, PC/104, iManager
PCM-9389D-S8A1E ADVANTECH-PCM-9389D-S8A1E Datasheet
834Kb / 2P
   Intel짰 Atom??N455/D525 3.5" SBC, DDR3 SODIMM/on-board SDRAM, 24-bit LVDS/TTL, VGA, 2 GbE, LPC, CF, PC/104, iManager
PCM-9389N-1GS6A1E ADVANTECH-PCM-9389N-1GS6A1E Datasheet
834Kb / 2P
   Intel짰 Atom??N455/D525 3.5" SBC, DDR3 SODIMM/on-board SDRAM, 24-bit LVDS/TTL,VGA, 2 GbE, LPC, CF, PC/104, iManager
PCM-9389N-1GS6A1E ADVANTECH-PCM-9389N-1GS6A1E Datasheet
834Kb / 2P
   Intel짰 Atom??N455/D525 3.5" SBC, DDR3 SODIMM/on-board SDRAM, 24-bit LVDS/TTL, VGA, 2 GbE, LPC, CF, PC/104, iManager
PCM-9389N-S6A1E ADVANTECH-PCM-9389N-S6A1E Datasheet
834Kb / 2P
   Intel짰 Atom??N455/D525 3.5" SBC, DDR3 SODIMM/on-board SDRAM, 24-bit LVDS/TTL,VGA, 2 GbE, LPC, CF, PC/104, iManager
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com