Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM-9363NZ21GS6A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PCM-9363NZ21GS6A1E
Description  Intel짰 Atom??N455/D525 3.5" SBC, DDR3, 18/24-bit LVDS, VGA or HDMI, 2 GbE, Mini PCIe, 3 COM Ports
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-9363NZ21GS6A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PCM-9363NZ21GS6A1E Datasheet HTML 1Page - Advantech Co., Ltd. PCM-9363NZ21GS6A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
IDE
Super I/O
SCH3114
USB 2.0
SPI
SATAII x 2
HD Codec (ALC892)
& Audio Connector
USB 2.0 x 6
BIOS
SMBus
LPT or FDD
(Shared with LPT)
COM1/3: RS-232
COM2: RS-232/422/485
PS2 KB&MS
Watchdog
Intel Atom
N455/ D525
DDR3 SODIMM x 1
DMI x 4 (Up to 1GB/S)
24-bit LVDS
8 bit GPIO
VGA
(PCM-9363N/PCM-9363D only)
Intel ICH8M
Compact Flash
(Type-II)
LPC
18 bit LVDS
SMBus
GPIO IC
PCIe
INTEL 82583V
PCIe
Full-size Mini PCIe
INTEL 82567V
GLCI /PCIex1
667/800 MHz
HD
Transmitter
LVDS
HDMI
(PCM-9363DH only)
HDMI
PCM-9363
Ordering Information
Part No.
CPU
L2
Cache
Memory
LVDS
HDMI
VGA GbE Audio RS-232 RS-232/
422/485
USB
2.0
SATAII CF Mini
PCIe
Thermal
Solution
Operational
Temp.
PCM-9363N-S6A1E
Atom N455 512 KB
SODIMM
18/24-bit By request Yes
2
Yes
2
1
6
2
1
Full-size Passive
0 ~ 60° C
PCM-9363D-S8A1E
Atom D525 1 MB
SODIMM
18/24-bit -
Yes
2
Yes
2
1
6
2
1
Full-size Active
0 ~ 60° C
PCM-9363DH-S8A1E
Atom D525 1 MB
SODIMM
18/24-bit 1
-
2
Yes
2
1
6
2
1
Full-size Active
0 ~ 60° C
PCM-9363NZ-1GS6A1E
Atom N455 512 KB
1 GB bundle 18/24-bit By request Yes
2
Yes
2
1
6
2
1
Full-size Passive
-20 ~ 80° C
PCM-9363NZ21GS6A1E
Atom N455 512 KB
1 GB bundle 18/24-bit By request Yes
2
Yes
2
1
6
2
1
Full-size Passive
-40 ~ 85° C
Note: Passive = fanless; Active = with fan
Packing List
Part No.
Description
Quantity
PCM-9363 SBC
Startup Manual
Utility CD
9689000002
mini Jumper pack
1700008941
SATA Cable w/lock 30 cm
1
1703060191
PS/2 cable 19 cm
1
1701140201
COM2 IDE D-SUB 20 cm cable
1
1703100121
USB 2 x 5P-2.0 12 cm W/BKT cable
2
1700018839
Audio Cable 20 cm
1
1700260250
LPT IDE 26P D-SUB 25 cm cable
1
1700018785
Internal SATA power cable 35cm
1
1700100250
COM3 Cable IDE#2 10P-2.0/D-SUB 9P (M) 25 cm
1
1960050034N001
CPU N455 heatsink (75 x 62 x 19.9 mm) for
PCM-9363N series
1
1960050035N001
CPU D525 cooler (75 x 62 x 24.4 mm) for PCM-9363D
1
1960024933S00B
ICH8M Heatsink for PCM-9363 series (38.1 x 33.6 x 7.5 mm) 1
1960050034N011
PCM-9363NZ/NZ2 CPU N455 heatsink (85 x 62 x 24.9 mm)
1
Rear I/O View
Optional Accessories
Part No.
Description
1960047470N001
Heat spreader (97 x 75 x 18.5 mm)
1655003865
Right angle power connector 2*2P
ACK-A001E
Embedded Chassis for PCM-9362(12V)/9363 series (System
dimensions with mounting bracket: 230 x 65 x 145 mm)
Embedded OS/API
Embedded OS/API
Part No.
Description
Win XPE
2070010314
XPE WES2009 PCM-9363 V4.0 24MUI
2070010313
XPE WES2009 PCM-9363 V4.0 ENG
WinCE
2070010331
CE 6.0 R3 Pro PCM-9363 V6.0.0 ENG
(3COM)
WES7
2070009835
Image WES7E Intel Lunar V5.0 ENG
QNX
6.5
Vxwork
6.8
Linux
Ubuntu 10.04
Software API
PCM-9363N-S6A1E
PCM-9363D-S8A1E
PCM-9363NZ-1GS6A1E
PCM-9363NZ21GS6A1E
PCM-9363DH-S8A1E
Block Diagram


Similar Part No. - PCM-9363NZ21GS6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-9363NZ21GS6A1E ADVANTECH-PCM-9363NZ21GS6A1E Datasheet
885Kb / 2P
   Intel Atom N455/D525 3.5" SBC, DDR3, 18/24-bit LVDS, VGA/HDMI, 2 GbE, Mini PCIe, CF
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com