Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM-9362NZ-1GS6A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PCM-9362NZ-1GS6A1E
Description  Intel짰 Atom??N450/ D510 3.5" SBC, LVDS, VGA, 2 GbE, Mini PCIe, 4 COM , MIO-160 Expansion
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-9362NZ-1GS6A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PCM-9362NZ-1GS6A1E Datasheet HTML 1Page - Advantech Co., Ltd. PCM-9362NZ-1GS6A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Ordering Information
Model
CPU
L2 Cache Memory
Power Expansion VGA LVDS
GbE Audio SATAII USB 2.0 Mini PCIe CF
RS-232
RS-232/
422/485
Thermal
Solution
Operating
Temperature
PCM-9362NC-S6A1E
Atom N450 512 KB
SODIMM
5 V
-
1
18-bit
2
Yes
2
6
Full-size
1
3
1
Passive
0 ~ 60° C
PCM-9362NCF-S6A1E
Atom N450 512 KB
SODIMM
5 V
MIO-160
1
18-bit
2
Yes
2
6
Full-size
1
3
1
Passive
0 ~ 60° C
PCM-9362N-S6A1E
Atom N450 512 KB
SODIMM
12 V
-
1
18-bit
2
Yes
2
6
Full-size
1
3
1
Passive
0 ~ 60° C
PCM-9362NF-S6A1E
Atom N450 512 KB
SODIMM
12 V
MIO-160
1
18-bit
2
Yes
2
6
Full-size
1
3
1
Passive
0 ~ 60° C
PCM-9362D-S6A1E
Atom D510 1 MB
SODIMM
12 V
-
1
18-bit
2
Yes
2
6
Full-size
1
3
1
Active
0 ~ 60° C
PCM-9362DF-S6A1E
Atom D510 1 MB
SODIMM
12 V
MIO-160
1
18-bit
2
Yes
2
6
Full-size
1
3
1
Active
0 ~ 60° C
PCM-9362NZ-1GS6A1E Atom N450 512 KB
1GB bundle
12 V
-
1
18-bit
2
Yes
2
6
Full-size
1
3
1
Passive
-20 ~ 80° C
PCM-9362NZ21GS6A1E Atom N450 512 KB
1GB bundle
12 V
-
1
18-bit
2
Yes
2
6
Full-size
1
3
1
Passive
-40 ~ 85° C
Note: Passive = fanless; Active = with fan
PCM-9362
Packing List
Part No.
Description
Quantity
PCM-9362 SBC
Startup Manual
Utility CD
9689000002
mini Jumper pack
1
1700000265
ATX power cable (PCM-9362NC series only)
1
1700006291
SATA cable 30cm
1
1703060191
PS/2 cable 19cm
1
1701140201
COM2 IDE D-SUB 20 cm cable
1
1703100121
USB 2 x 5P-2.0 12 cm W/BKT cable
2
1703100152
Audio cable 20cm
1
1700260250
LPT IDE 26P D-SUB 25 cm cable
1
1700001795
COM3/4 cable 19cm
1
1960050034N001
CPU N450 heatsink (75 x 62 19.9 mm) for
PCM-9362N series
1
1960050035N001
CPU D510 cooler (75 x 62 x 24.4 mm) for PCM-
9362D
1
1960024933S00B
ICH8M Heatsink for PCM-9362 series
(38.1x33.6x7.5mm)
1
Optional Accessories
Part No.
Description
MIO-6250-00A1E
MIO-160 module w/ 3 10/100 Ethernet (RTL8139)
MIO-6260-00A1E
MIO-160 IO module w/2 COM, 4 USB
MIO-6260L-00A1E
MIO-160 IO module w/2 COM, 4 USB, 1 10/100 Ethernet
1700016161
AT Power cable, 2 x 6P to 3 x 4P 10 cm
1700016141
AT power cable, 2 x 6P to 2 10P 10 cm
1960047470N001
Heat spreader(97 x 75 18.5 mm)
1655003865
Right angle 12V power connector 2*2P
1655003866
Right angle 5V power connector 2*6P
1700018436
Inverter 5P to SATA power 15P cable 10cm
ACK-A001E
Embedded chassis for PCM-9362(12V)/9363 series (System
dimension with mounting bracket: 230 x 65 x145 mm)
Note: MIO-160 modules are supported by PCM-9362NCF/NF/DF version
Embedded OS/API
Embedded OS/API
Part No.
Description
Win XPE
2070009030
XPE WES2009 V4.0 ENG
2070009031
XPE WES2009 V4.0 MUI24
WinCE
2070009693
CE 6.0 Pro PCM-9362 V1.3 ENG
WES 7
2070009835
Image WES7E V5.0 ENG
QNX
6.5
Vxwork
6.8
Linux
Ubuntu 10.04
Software API
205E362010
SUSI 3.0 SW API for PCM-9362 B: 20091117 XP
Rear I/O View
SATAII x 2
CompactFlash
IDE
Super I/O SCH3114
USB 2.0
SPI
HD Codec (ALC886)
& Audio
USB 2.0 x 6
BIOS
LPT
COM1/3/4: RS-232
COM2: RS-232/422/485
PS/2 KB/MS
Watchdog
Intel Atom
N450/D510
DMI x 4 (Up to 1GB/S)
667 MHz
18 bit LVDS
VGA Connector
3 PCIe x 1
PCI
LPC
USB x1
SMBus
MIO-160 I/O expansion
(Support on
PCM-9362NCF/NF/DF)
DDR2 SODIMM x 1
Intel ICH8M
LPC
LVDS
SMBus
GPIO IC
8 bit GPIO
SMBUS
PCIe
INTEL 82583V GbE
PCIe
Full-size Mini PCIe
Max.500mA@+12V
Max.1A@+5V
Max.1A@+5Vsb
INTEL 82567V GbE
GLCI /PCIex1
HD
Power
Block Diagram


Similar Part No. - PCM-9362NZ-1GS6A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-9362NZ-1GS6A1E ADVANTECH-PCM-9362NZ-1GS6A1E Datasheet
895Kb / 2P
   Intel짰 Atom??N450/D510 3.5" SBC, LVDS, VGA,2 GbE, Mini PCIe, CF, MIO-160 Expansion
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com