Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MINT1275 Datasheet(PDF) 7 Page - SL Power Electronics

Part # MINT1275
Description  275W Single Output Medical Series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1275 Datasheet(HTML) 7 Page - SL Power Electronics

  MINT1275 Datasheet HTML 1Page - SL Power Electronics MINT1275 Datasheet HTML 2Page - SL Power Electronics MINT1275 Datasheet HTML 3Page - SL Power Electronics MINT1275 Datasheet HTML 4Page - SL Power Electronics MINT1275 Datasheet HTML 5Page - SL Power Electronics MINT1275 Datasheet HTML 6Page - SL Power Electronics MINT1275 Datasheet HTML 7Page - SL Power Electronics MINT1275 Datasheet HTML 8Page - SL Power Electronics MINT1275 Datasheet HTML 9Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Characteristic Curves
Output vs. Temperature
180W convection cooled and 275W continuous with 200 LFM airflow. Derate output power to 50% at 70
C.
Efficiency vs. Loading
The high efficiency is achieved by using LLC technology, PFC topology minimizing switching losses. Synchronous SCHOTTKY or ultra-fast diode is
used as rectifier in MINT1175 family because of high output voltage level.


Similar Part No. - MINT1275

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1275A1214K01 SLPOWER-MINT1275A1214K01 Datasheet
2Mb / 9P
   275W Single Output
MINT1275A1514K01 SLPOWER-MINT1275A1514K01 Datasheet
2Mb / 9P
   275W Single Output
MINT1275A2414K01 SLPOWER-MINT1275A2414K01 Datasheet
2Mb / 9P
   275W Single Output
MINT1275A4814K01 SLPOWER-MINT1275A4814K01 Datasheet
2Mb / 9P
   275W Single Output
MINT1275A5614K01 SLPOWER-MINT1275A5614K01 Datasheet
2Mb / 9P
   275W Single Output
More results

Similar Description - MINT1275

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1275 SLPOWER-MINT1275_14 Datasheet
2Mb / 9P
   275W Single Output
MB65S SLPOWER-MB65S Datasheet
2Mb / 10P
   65W Single Output Medical Series
MINT1180 SLPOWER-MINT1180 Datasheet
384Kb / 3P
   180W SINGLE OUTPUT MEDICAL SERIES
MINT1175 SLPOWER-MINT1175 Datasheet
1Mb / 8P
   175W Single Output Medical Series
MB60S SLPOWER-MB60S Datasheet
2Mb / 9P
   60W Single Output Medical Series
logo
Emerson Network Power
NLP250MEDICAL_0910 EMERSON-NETWORKPOWER-NLP250MEDICAL_0910 Datasheet
577Kb / 4P
   Single Output Medical safeties
logo
SL Power Electronics
ME40 SLPOWER-ME40 Datasheet
670Kb / 4P
   40W Single Output External Power Medical Series
ME20 SLPOWER-ME20 Datasheet
659Kb / 4P
   20W Single Output External Power Medical Series
logo
Total Power Internation...
MPS-65 TOTAL-POWER-MPS-65 Datasheet
343Kb / 2P
   65W Single Output Medical Type
MPS-45 TOTAL-POWER-MPS-45 Datasheet
345Kb / 2P
   45W Single Output Medical Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com