Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

623-512-22 Datasheet(PDF) 3 Page - Marl International Limited

Part # 623-512-22
Description  Minimum line quantity 20 Panel sealing meets and exceeds IP67 rating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

623-512-22 Datasheet(HTML) 3 Page - Marl International Limited

  623-512-22 Datasheet HTML 1Page - Marl International Limited 623-512-22 Datasheet HTML 2Page - Marl International Limited 623-512-22 Datasheet HTML 3Page - Marl International Limited 623-512-22 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
de-rating information
to order
BS EN ISO 9001:2008
approved manufacturer
623 series
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph B
10
20
30
40
50
8
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph C
10
20
30
40
50
also available
Part numbers also available in the 623 series:
Part
Number
Colour
Voltage
Vopr
623-503-22-07
Red
24 Vdc
623-503-22-50
Red
24 Vdc
623-503-23-50
Red
28 Vdc
623-503-67
Red
18 Vac 50 Hz
623-509-22-07
Yellow
24 Vdc
623-525-22-50
Green
24 Vdc
623-997-22-50
White
24 Vdc
The products listed here illustrate all of
the options available to order. These
products may have custom modifications
that alter their operation beyond the
generic information contained within this
datasheet. Please contact sales for
further information.
* = These products do not contain
integral resistors
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 623 - version 2012-12-06-113930
page 3 of 4


Similar Part No. - 623-512-22

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
623-512-22 MARL-623-512-22 Datasheet
326Kb / 4P
   high performance panel lamps
More results

Similar Description - 623-512-22

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
623-503-22_1309 MARL-623-503-22_1309 Datasheet
326Kb / 4P
   Minimum line quantity 20
logo
Taiyo Yuden (U.S.A.), I...
HMK107BJ222MA-T TAIYO-YUDEN-HMK107BJ222MA-T Datasheet
317Kb / 2P
   Standard packaging quantity (minimum)
FL05R100A TAIYO-YUDEN-FL05R100A Datasheet
139Kb / 1P
   Standard packaging quantity (minimum)
QVS107CG1R5CCHT TAIYO-YUDEN-QVS107CG1R5CCHT Datasheet
284Kb / 2P
   Standard packaging quantity (minimum)
QVS107CG1R3BCHT TAIYO-YUDEN-QVS107CG1R3BCHT Datasheet
282Kb / 2P
   Standard packaging quantity (minimum)
EMK316BBJ476ML-T TAIYO-YUDEN-EMK316BBJ476ML-T Datasheet
289Kb / 2P
   Standard packaging quantity (minimum)
QVS107CG1R6BCHT TAIYO-YUDEN-QVS107CG1R6BCHT Datasheet
284Kb / 2P
   Standard packaging quantity (minimum)
logo
E-SWITCH
RDTCR10P1T E-SWITCH-RDTCR10P1T Datasheet
123Kb / 1P
   REMOVE IP67 RATING
logo
Taiyo Yuden (U.S.A.), I...
JMK325B7226KMHPR TAIYO-YUDEN-JMK325B7226KMHPR Datasheet
289Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 1000pcs
PMK325AC6227MM-P TAIYO-YUDEN-PMK325AC6227MM-P Datasheet
334Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 1000pcs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com