Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

534-997-63 Datasheet(PDF) 1 Page - Marl International Limited

Part # 534-997-63
Description  534 series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

534-997-63 Datasheet(HTML) 1 Page - Marl International Limited

  534-997-63 Datasheet HTML 1Page - Marl International Limited 534-997-63 Datasheet HTML 2Page - Marl International Limited 534-997-63 Datasheet HTML 3Page - Marl International Limited 534-997-63 Datasheet HTML 4Page - Marl International Limited 534-997-63 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
features
specifications
to order
Typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
534 series
• Ø8.1mm mounting
• Product will operate over a wide voltage range
• Robust stainless steel housing, Sealed to IP67
• Colour diffused lens
• Full internal potting to resist shock & vibration
• True bi-polar product for low voltage DC applications
• Other voltages, including DC options are available
• Pack Quantity = 10 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
534-501-75
Red
110 Vac
6
600
630
-40 - +80
-40 - +100
D
534-521-75
Yellow
110 Vac
6
600
585
-40 - +80
-40 - +100
D
534-532-75
Green
110 Vac
6
800
515
-40 - +80
-40 - +100
F
534-930-75
Blue
110 Vac
6
140
465
-30 - +85
-40 - +100
U
534-997-75
White
110 Vac
6
27000
* See below
-30 - +85
-40 - +100
I
534-501-63
Red
12-28
6-16
600
630
-40 - +80
-40 - +100
D
534-521-63
Yellow
12-28
6-16
600
585
-40 - +80
-40 - +100
D
534-532-63
Green
12-28
6-16
800
515
-40 - +80
-40 - +100
F
534-930-63
Blue
12-28
6-16
140
465
-30 - +85
-40 - +100
U
534-997-63
White
12-28
6-16
27000
* See below
-30 - +85
-40 - +100
I
997F-C
*Typical emission colour White
x
0.31
-
-
-
y
0.32
-
-
-
- Intensities (lv) and colour shades of white (x, y co-ordinates) may vary between LEDs within a batch
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 3.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 534 - version 2012-12-06-113839
page 1 of 5


Similar Part No. - 534-997-63

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
534-997-63 MARL-534-997-63 Datasheet
247Kb / 2P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
534-997-63 MARL-534-997-63 Datasheet
382Kb / 5P
   industrial panel lamps
534-997-63 MARL-534-997-63 Datasheet
274Kb / 2P
   PANEL INDICATOR LED
More results

Similar Description - 534-997-63

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL533 VISHAY-MODEL533 Datasheet
119Kb / 4P
   7/8inch (22 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns
Revision: 02-Jul-07
533-1-1-103 VISHAY-533-1-1-103 Datasheet
103Kb / 4P
   (22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns/534: 10 Turns/535: 5 Turns
Revision: 17-Apr-13
535B1502JCB VISHAY-535B1502JCB Datasheet
93Kb / 4P
   7/8" (22.2 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns
Revision: 06-Apr-10
533 VISHAY-533_V01 Datasheet
98Kb / 4P
   (22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns / 534: 10 Turns / 535: 5 Turns
01-Jan-2022
533 VISHAY-533_10 Datasheet
100Kb / 4P
   7/8" (22.2 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns
Revision: 06-Apr-10
534B VISHAY-534B Datasheet
85Kb / 4P
   (22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns/534: 10 Turns/535: 5 Turns
Revision: 18-Mar-14
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com