Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

537-930-75 Datasheet(PDF) 1 Page - Marl International Limited

Part # 537-930-75
Description  횠8.1mm mounting Product will operate over a wide input voltage range
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

537-930-75 Datasheet(HTML) 1 Page - Marl International Limited

  537-930-75 Datasheet HTML 1Page - Marl International Limited 537-930-75 Datasheet HTML 2Page - Marl International Limited 537-930-75 Datasheet HTML 3Page - Marl International Limited 537-930-75 Datasheet HTML 4Page - Marl International Limited 537-930-75 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
features
specifications
to order
Typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
537 series
• Ø8.1mm mounting
• Product will operate over a wide input voltage range
• Bright nickel plated brass housing, sealed to IP67
• Fully internally potted to resist shock and vibration
• Colour diffused lens
• True bi-polar product for low voltage DC applications
• Other voltages, including DC options are available
• Pack Quantity = 10 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
537-501-75
Red
110 Vac
6
600
630
-40 - +80
-40 - +100
D
537-521-75
Yellow
110 Vac
6
600
585
-40 - +80
-40 - +100
D
537-532-75
Green
110 Vac
6
800
515
-40 - +80
-40 - +100
F
537-930-75
Blue
110 Vac
6
140
465
-30 - +85
-40 - +100
U
537-997-75
White
110 Vac
6
27000
* See below
-30 - +85
-40 - +100
I
537-501-63
Red
12-28
6-16
600
630
-40 - +80
-40 - +100
D
537-521-63
Yellow
12-28
6-16
600
585
-40 - +80
-40 - +100
D
537-532-63
Green
12-28
6-16
800
515
-40 - +80
-40 - +100
F
537-930-63
Blue
12-28
6-16
140
465
-30 - +85
-40 - +100
U
537-997-63
White
12-28
6-16
27000
* See below
-30 - +85
-40 - +100
I
997F-C
*Typical emission colour White
x
0.31
-
-
-
y
0.32
-
-
-
- Intensities (lv) and colour shades of white (x, y co-ordinates) may vary between LEDs within a batch
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 3.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 537 - version 2012-12-06-113845
page 1 of 5


Similar Part No. - 537-930-75

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
537-930-75 MARL-537-930-75 Datasheet
316Kb / 5P
   industrial panel lamps
537-930-75 MARL-537-930-75 Datasheet
256Kb / 2P
   PANEL INDICATOR LED
More results

Similar Description - 537-930-75

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
698 MARL-698 Datasheet
356Kb / 4P
   횠8.1mm mounting Product will operate over a wide input voltage range
538 MARL-538 Datasheet
395Kb / 5P
   횠12.7mm mounting Product will operate over a wide input voltage range
699 MARL-699 Datasheet
359Kb / 4P
   횠12.7mm mounting Product will operate over a wide input voltage range
537-501-75_1312 MARL-537-501-75_1312 Datasheet
316Kb / 5P
   Product will operate over a wide input voltage range
538-501-75_1312 MARL-538-501-75_1312 Datasheet
395Kb / 5P
   Product will operate over a wide input voltage range
652 MARL-652 Datasheet
406Kb / 4P
   횠12.7mm mounting Product will operate over a wide voltage range
532 MARL-532 Datasheet
256Kb / 4P
   횠12.7mm mounting Product will operate over a wide voltage range
534-501-75_1312 MARL-534-501-75_1312 Datasheet
382Kb / 5P
   Product will operate over a wide voltage range
532-102-63_1307 MARL-532-102-63_1307 Datasheet
256Kb / 4P
   Product will operate over a wide voltage range
652-105-75_1309 MARL-652-105-75_1309 Datasheet
407Kb / 4P
   Product will operate over a wide voltage range
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com