Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KLH00GXX3 Datasheet(PDF) 6 Page - COSMO Electronics Corporation

Part No. KLH00GXX3
Description  Cosmo’s high power LED packages can handle up to 350-500mA DC current
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  COSMO [COSMO Electronics Corporation]
Homepage  http://www.cosmo-ic.com
Logo 

KLH00GXX3 Datasheet(HTML) 6 Page - COSMO Electronics Corporation

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PRODUCT
SPECIFICATION
DATE: 03/08/2005
NO. 61L70006
cosmo
ELECTRONICS CORPORATION
H.P LED :
KLH00GXX3
SHEET 6 OF 6
REV.
1
10. Reliability Test
Stress Test
Stress Conditions
Stress
Duration
Failure Criteria
Failure rate
1.High temperature
operation life
85
oC at 350mA
1,000 hrs
0/12
2.Room temperature
operation life
25
oC at 350 mA
1,000 hrs
0/12
3. Low temperature
operation life
-40
oC at 350 mA
1,000 hrs
0/12
4. Wet high temperature
operation life
85
oC / 60% RH at 350 mA
1,000 hrs
0/12
5.Powered temperature
cycle
(1.)-45
o C/18min at 350 mA
(2.)Transform /42min
(3.)85
oC /18min at 350 mA
200 cycles
0/12
6.Temperature Cycle
(1.)-45
oC /30 min
(2.)25
oC /5 min
(3.)120
oC /30 min
(4.)25
oC /5 min
200 cycles
0/12
7.High temperature
storage
110
oC
1,000 hrs
0/12
8. Low temperature
storage
-40
oC
1,000 hrs
0/12
9.High temperature
humidity storage
60
oC / 90% RH
1,000 hrs
0/12
10.Thermal shock
(1.)-40
oC /20min
(2.)Transform /20sec
(3.)110
oC /20min
200 cycles
(1)Iv< 50% degradation
(2)Vf max=110% initial
0/12


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn