Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KLH00GXX3 Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part No. KLH00GXX3
Description  Cosmo’s high power LED packages can handle up to 350-500mA DC current
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  COSMO [COSMO Electronics Corporation]
Homepage  http://www.cosmo-ic.com
Logo 

KLH00GXX3 Datasheet(HTML) 2 Page - COSMO Electronics Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PRODUCT
SPECIFICATION
DATE: 03/08/2005
NO. 61L70006
cosmo
ELECTRONICS CORPORATION
H.P LED :
KLH00GXX3
SHEET 2 OF 6
REV.
1
4. Dimensions
l 35(L)x35(W)x12(H)mm
35
6
2.0
Screw hole
Metal PCB
3
LIGHT
SOURCE
20
LIGHT
SOURCE
LIGHT SOURCE
Screw hole
Heat Sink
Metal PCB
LIGHT
SOURCE
Heat Sink
G1
G3
G2
G1
G1
G2
4
3
G3
G3
G2
3
2
4
2
4
3
2
5
1
1
3
2
1
5. Flux Characteristics
Flux characteristics of mono color LED at 350mA, junction temperature, Ta = 25
oC
Chip quantity:3 LEDs/PCB
Part Number
Color/Wavelength
(λd)
Forward
Voltage (Vf)
Luminous
Flux (lm)
Wattage
Max. (W)
View angle
( 2θ
1
2
)
Typ.
Max
Min
Typ.
KLH00GXX3
Green/530nm
10.8
12
46
58
4.2
130
±10o


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn