Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KLH00GXX3 Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part No. KLH00GXX3
Description  Cosmo’s high power LED packages can handle up to 350-500mA DC current
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  COSMO [COSMO Electronics Corporation]
Homepage  http://www.cosmo-ic.com
Logo 

KLH00GXX3 Datasheet(HTML) 1 Page - COSMO Electronics Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
SPECIFICATION
DATE: 03/08/2005
NO. 61L70006
cosmo
ELECTRONICS CORPORATION
H.P LED :
KLH00GXX3
SHEET 1 OF 6
REV.
1
1. Features
Cosmo’s high power LED packages can handle up to 350-500mA DC current, and
available in 525nm wavelength in mono or multiple colors. These packages are
formed by bonding 3 pcs of 40 mil LED chips on a 20mmx20mm metal PCB. A
heat sink is mechanically screwed to the board to cool down metal surface
temperature below 70
oC. The main features of these packages are as follows:
l Very high flux output per LED.
l Flat PCB package. On each PCB, the quantity of LED being adjustable from 1
to 3 to meet user’s need. These LEDs being connected in series.
l Very long operation life time up to 100k hours attainable, by using a proper heat
sink.
l 130
±10o cool beam in most packages.
2. Applications
l
Outdoor and indoor architectural lighting
l
Reading light (car/bus/aircraft)
l
Decorative/entertainment lighting
l
Bollards/Security/Garden lighting
l
Traffic signal
l
Portable lighting (flashlight/bicycle)
l
Edge-lit signs (exit sign/point of sales)
l
LCD backlights
l
Light guide
3. Operation and Storage Temperature
Parameter
Symbol
Value
Unit
Operation
temperature
Topr
(Data to be ready, -30~+85)
oC
Storage temperature
Tstg
(Data to be ready, -40~+110)
oC


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn