Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KLH00BXX4 Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # KLH00BXX4
Description  Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KLH00BXX4 Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KLH00BXX4 Datasheet HTML 1Page - COSMO  Electronics Corporation KLH00BXX4 Datasheet HTML 2Page - COSMO  Electronics Corporation KLH00BXX4 Datasheet HTML 3Page - COSMO  Electronics Corporation KLH00BXX4 Datasheet HTML 4Page - COSMO  Electronics Corporation KLH00BXX4 Datasheet HTML 5Page - COSMO  Electronics Corporation KLH00BXX4 Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PRODUCT
SPECIFICATION
DATE: 03/08/2005
NO. 61L70003
cosmo
ELECTRONICS CORPORATION
H.P LED :
KLH00BXX4
SHEET 2 OF 6
REV.
1
4. Dimensions
l 35(L)x35(W)x12(H)mm
35
6
2.0
Screw hole
Metal PCB
3
LIGHT
SOURCE
20
LIGHT
SOURCE
LIGHT SOURCE
Screw hole
Heat Sink
Metal PCB
LIGHT
SOURCE
Heat Sink
B4
B3
B2
B1
5
4
3
2
B3 B2
B4 B1
B3
B4
4
B2
3
5
4
2
3
1
5
1
B1
2
4
3
1
2
5. Flux Characteristics
Flux characteristics of mono color LED at 350mA, junction temperature, Ta = 25 oC
Chip quantity:4 LEDs/PCB
Part Number
Color/Wavelength
(λd)
Forward
Voltage (Vf)
Luminous
Flux (lm)
Wattage
Max. (W)
View angle
( 2θ
1
2
)
Typ.
Max
Min
Typ.
KLH00BXX4
Blue/470nm
14.4
16
10
18
5.6
130
±10o


Similar Part No. - KLH00BXX4

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KLH00BXX3 COSMO-KLH00BXX3 Datasheet
77Kb / 6P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
More results

Similar Description - KLH00BXX4

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KLH00AXX3 COSMO-KLH00AXX3 Datasheet
76Kb / 6P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLH00BGA3 COSMO-KLH00BGA3 Datasheet
112Kb / 7P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLH00GXX4 COSMO-KLH00GXX4 Datasheet
97Kb / 6P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLE06WXX4 COSMO-KLE06WXX4 Datasheet
99Kb / 6P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLH00WXX4 COSMO-KLH00WXX4 Datasheet
92Kb / 6P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLH06RGB3 COSMO-KLH06RGB3 Datasheet
134Kb / 7P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLS06WXX4 COSMO-KLS06WXX4 Datasheet
173Kb / 6P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLH00BXX3 COSMO-KLH00BXX3 Datasheet
77Kb / 6P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLH00RXX4 COSMO-KLH00RXX4 Datasheet
98Kb / 6P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
KLS00WWX1 COSMO-KLS00WWX1 Datasheet
157Kb / 6P
   Cosmo?셲 high power LED packages can handle up to 350-500mA DC current
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com