Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMBT404ALT1 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MMBT404ALT1
Description  Chopper Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MMBT404ALT1 Datasheet(HTML) 1 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Chopper Transistor
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
–35
Vdc
Collector–Base Voltage
VCBO
–40
Vdc
Emitter–Base Voltage
VEBO
–25
Vdc
Collector Current — Continuous
IC
–150
mAdc
DEVICE MARKING
MMBT404ALT1 = 2N
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR-5 Board,*
TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction to Ambient
R
θJA
556
°C/W
Total Device Dissipation
Alumina Substrate,** TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction to Ambient
R
θJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
– 55 to +150
°C
* FR–5 = 1.0 x 0.75 x 0.062 in.
** Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = –10 mAdc, IB = 0)
V(BR)CEO
–35
Vdc
Collector–Emitter Breakdown Voltage
(IC = –10 µAdc, IE = 0)
V(BR)CBO
–40
Vdc
Emitter–Base Breakdown Voltage
(IE = –10 µAdc, IC = 0)
V(BR)EBO
–25
Vdc
Collector Cutoff Current
(VCB = –10 Vdc, IE = 0)
ICBO
–100
nAdc
Emitter Cutoff Current
(VEB = –10 Vdc, IC = 0)
IEBO
–100
nAdc
Thermal Clad is a trademark of the Bergquist Company
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MMBT404ALT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MMBT404ALT1
Motorola Preferred Device
1
2
3
CASE 318 – 08, STYLE 6
SOT– 23 (TO – 236AB)
© Motorola, Inc. 1996
COLLECTOR
3
1
BASE
2
EMITTER


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn