Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

206-997-30-38 Datasheet(PDF) 4 Page - Marl International Limited

Part # 206-997-30-38
Description  Direct replacement for T1 쩐 Midget Flange SX6s
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

206-997-30-38 Datasheet(HTML) 4 Page - Marl International Limited

  206-997-30-38 Datasheet HTML 1Page - Marl International Limited 206-997-30-38 Datasheet HTML 2Page - Marl International Limited 206-997-30-38 Datasheet HTML 3Page - Marl International Limited 206-997-30-38 Datasheet HTML 4Page - Marl International Limited 206-997-30-38 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
to order
also available
The products listed above illustrate all of the options available to order. These products may have custom modifications that
alter their operation beyond the generic information contained within this datasheet. Please contact sales for further
information.
RP = Reverse Polarity
BS EN ISO 9001:2008
approved manufacturer
206 series
Part numbers also available in the 206 series:
Part
Number
Colour
Voltage
Vopr
206-501-20-38
Red
5/6 Vdc
206-501-22-38
Red
24 Vdc
206-501-30-38
Red
5/6 Vdc RP
206-501-32-38
Red
24 Vdc RP
206-501-33-38
Red
28 Vdc RP
206-501-41
Red
8 Vdc
206-502-22
Red
24 Vdc
206-502-22-38
Red
24 Vdc
206-503-04
Red
20 mA dc
206-505-22
Red
24 Vdc
206-505-23-38
Red
28 Vdc
206-505-24-38
Red
48 Vdc
206-506-20-38
Orange
5/6 Vdc
206-506-23-38
Orange
28 Vdc
206-509-04
Yellow
20 mA dc
206-511-04
Yellow
20 mA dc
206-511-23-38
Yellow
28 Vdc
206-512-04
Green
20 mA dc
206-512-21-38
Green
12 Vdc
206-514-23-38
Green
28 Vdc
206-521-20-38
Yellow
5/6 Vdc
206-521-22
Yellow
24 Vdc
206-521-22-38
Yellow
24 Vdc
206-521-30-38
Yellow
5/6 Vdc RP
206-521-32-38
Yellow
24 Vdc RP
206-521-33-38
Yellow
28 Vdc RP
206-532-04-38
Green
20 mA dc
206-532-13-38
Green
20 mA dc RP
206-532-20-38
Green
5/6 Vdc
206-532-21
Green
12 Vdc
206-532-22-38
Green
24 Vdc
206-532-23
Green
28 Vdc
206-532-30-38
Green
5/6 Vdc RP
206-532-32-38
Green
24 Vdc RP
206-532-33-38
Green
28 Vdc RP
206-930-22-38
Blue
24 Vdc
206-930-32-38
Blue
24 Vdc RP
206-964-41
Green
8 Vdc
206-993-20-38
Warm White
5/6 Vdc
206-993-22-38
Warm White
24 Vdc
206-993-30-38
Warm White
5/6 Vdc RP
206-993-33
Warm White
28 Vdc RP
206-993-33-38
Warm White
28 Vdc RP
206-993-42
Warm White
15 Vdc
206-993-42-38
Warm White
15 Vdc
206-993-47-38
Warm White
40 Vdc
206-993-53-50
Warm White
50 Vdc
206-997-04-38
White
20 mA dc
206-997-20-38
White
5/6 Vdc
206-997-22-38
White
24 Vdc
206-997-24-38
White
48 Vdc
206-997-29-38
White
18 Vdc RP
Part
Number
Colour
Voltage
Vopr
206-997-30-38
White
5/6 Vdc RP
206-997-33-38
White
28 Vdc RP
206-997-34-38
White
48 Vdc RP
206-997-42
White
15 Vdc
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 206 - version 2013-03-07-173200
page 4 of 5


Similar Part No. - 206-997-30-38

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
206-997-20-38 MARL-206-997-20-38 Datasheet
216Kb / 2P
   BULB REPLACEMENT LED
206-997-21-38 MARL-206-997-21-38 Datasheet
258Kb / 3P
   FILAMENT REPLACEMENT LEDs - T1쩐
206-997-21-38 MARL-206-997-21-38 Datasheet
320Kb / 5P
   filament replacement leds
206-997-21-38 MARL-206-997-21-38 Datasheet
320Kb / 5P
   filament replacement leds
206-997-21-38 MARL-206-997-21-38 Datasheet
216Kb / 2P
   BULB REPLACEMENT LED
More results

Similar Description - 206-997-30-38

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
236-038-93_1307 MARL-236-038-93_1307 Datasheet
265Kb / 4P
   Direct replacement for T1 쩐 Midget Flange SX6s
236 MARL-236 Datasheet
195Kb / 4P
   Direct replacement for T1 쩐 Midget Flange SX6s
235-038-93_1307 MARL-235-038-93_1307 Datasheet
254Kb / 4P
   Direct replacement for T1 쩐 Midget Groove S5.7s
235 MARL-235 Datasheet
193Kb / 4P
   Direct replacement for T1 쩐 Midget Groove S5.7s
205 MARL-205 Datasheet
274Kb / 5P
   Direct replacement for T1 쩐 Midget Groove S5.7s
202 MARL-202 Datasheet
273Kb / 5P
   Direct replacement for French Style T1 Midget Flange SX3s
204 MARL-204 Datasheet
280Kb / 5P
   Direct replacement for T1 쩐 Bi-Pin
207 MARL-207 Datasheet
260Kb / 5P
   Direct replacement for T1 쩐 Wedge Base F9
212 MARL-212 Datasheet
266Kb / 5P
   Direct replacement for T1 쩐 Lilliput Edison Screw E5
207-501-21-38 MARL-207-501-21-38 Datasheet
257Kb / 3P
   FILAMENT REPLACEMENT LEDs - T1 쩐
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com