Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

217-997-76-65 Datasheet(PDF) 4 Page - Marl International Limited

Part # 217-997-76-65
Description  Direct replacement for E27 (European Standard)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

217-997-76-65 Datasheet(HTML) 4 Page - Marl International Limited

  217-997-76-65 Datasheet HTML 1Page - Marl International Limited 217-997-76-65 Datasheet HTML 2Page - Marl International Limited 217-997-76-65 Datasheet HTML 3Page - Marl International Limited 217-997-76-65 Datasheet HTML 4Page - Marl International Limited 217-997-76-65 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
to order
also available
The products listed above illustrate all of the options available to order. These products may have custom modifications that
alter their operation beyond the generic information contained within this datasheet. Please contact sales for further
information.
RP = Reverse Polarity
BS EN ISO 9001:2008
approved manufacturer
217 series
Part numbers also available in the 217 series:
Part
Number
Colour
Voltage
Vopr
217-501-22-76
Red
24 Vdc
217-501-23-65
Red
28 Vdc
217-501-24-65
Red
48 Vdc
217-501-25-65
Red
110 Vdc
217-501-25-93
Red
110 Vdc
217-501-75-57
Red
110 Vac 50 Hz
217-501-76-55
Red
230 Vac 50 Hz
217-501-76-62
Red
230 Vac 50 Hz
217-501-76-63
Red
230 Vac 50 Hz
217-501-76-65
Red
230 Vac 50 Hz
217-521-76-65
Yellow
230 Vac 50 Hz
217-532-22-76
Green
24 Vdc
217-532-25-65
Green
110 Vdc
217-532-76-55
Green
230 Vac 50 Hz
217-532-76-65
Green
230 Vac 50 Hz
217-551-76-95
Orange
230 Vac 50 Hz
217-904-76-95
-
230 Vac 50 Hz
217-904-76-96
Red
230 Vac 50 Hz
217-904-76-97-KDS
Red
230 Vac 50 Hz
217-925-76-95
Yellow
230 Vac 50 Hz
217-925-76-96
Yellow
230 Vac 50 Hz
217-930-23-65
Blue
28 Vdc
217-930-76-65
Blue
230 Vac 50 Hz
217-993-76-62
Warm White
230 Vac 50 Hz
217-993-76-65
Warm White
230 Vac 50 Hz
217-997-23-65
White
28 Vdc
217-997-25-65
White
110 Vdc
217-997-75-63
White
110 Vac 50 Hz
217-997-76-55
White
230 Vac 50 Hz
217-997-76-57
White
230 Vac 50 Hz
217-997-76-65
White
230 Vac 50 Hz
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 217 - version 2012-12-06-113535
page 4 of 5


Similar Part No. - 217-997-76-65

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
217-997-76-65 MARL-217-997-76-65 Datasheet
260Kb / 3P
   FILAMENT REPLACEMENT LEDs - Multi-LED Cluster
More results

Similar Description - 217-997-76-65

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
218 MARL-218 Datasheet
231Kb / 4P
   Direct replacement for E26 (North American Standard)
240-061-64_1309 MARL-240-061-64_1309 Datasheet
202Kb / 4P
   Direct replacement for BA15d
240 MARL-240 Datasheet
202Kb / 4P
   Direct replacement for BA15d
216 MARL-216 Datasheet
220Kb / 4P
   Direct replacement for BA22
231-501-21_1309 MARL-231-501-21_1309 Datasheet
283Kb / 5P
   Direct replacement for BA15s
231 MARL-231 Datasheet
283Kb / 5P
   Direct replacement for BA15s
253-501-64-38_1312 MARL-253-501-64-38_1312 Datasheet
275Kb / 5P
   Direct replacement for T2 BA7s
253 MARL-253 Datasheet
275Kb / 5P
   Direct replacement for T2 BA7s
logo
ILSI America LLC
IM841 ILSI-IM841 Datasheet
417Kb / 7P
   Direct pin to pin drop-in replacement for industry-standard packages
logo
Marl International Limi...
208 MARL-208 Datasheet
271Kb / 5P
   Direct replacement for T6.8 Slide Base
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com