Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

215-521-76-38 Datasheet(PDF) 4 Page - Marl International Limited

Part # 215-521-76-38
Description  Direct replacement for T3 쩌 Bayonet Automobile Cap
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

215-521-76-38 Datasheet(HTML) 4 Page - Marl International Limited

  215-521-76-38 Datasheet HTML 1Page - Marl International Limited 215-521-76-38 Datasheet HTML 2Page - Marl International Limited 215-521-76-38 Datasheet HTML 3Page - Marl International Limited 215-521-76-38 Datasheet HTML 4Page - Marl International Limited 215-521-76-38 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
to order
also available
The products listed above illustrate all of the options available to order. These products may have custom modifications that
alter their operation beyond the generic information contained within this datasheet. Please contact sales for further
information.
RP = Reverse Polarity
BS EN ISO 9001:2008
approved manufacturer
215 series
Part numbers also available in the 215 series:
Part
Number
Colour
Voltage
Vopr
215-000-04-50
Red+Blue
20 mA dc
215-501-00-50
Red
32 Vac
215-501-00-51
Red
150 Vdc
215-501-04-38
Red
20 mA dc
215-501-20
Red
5/6 Vdc
215-501-21
Red
12 Vdc
215-501-22-38
Red
24 Vdc
215-501-24-38
Red
48 Vdc
215-501-25-38
Red
110 Vdc
215-501-42-38
Red
15 Vdc
215-501-50-38
Red
125 Vdc
215-501-72-38
Red
24 Vac 50 Hz
215-501-75-38
Red
110 Vac 50 Hz
215-501-76-38
Red
230 Vac 50 Hz
215-501-77-38
Red
125 Vac 50 Hz
215-501-80-38
Red
60 Vac 50 Hz
215-501-84-38
Red
130 Vac
215-521-00-53
Yellow
160 Vdc
215-521-22-38
Yellow
24 Vdc
215-521-22-50
Yellow
24 Vdc
215-521-22-51
Yellow
24 Vdc
215-521-25-38
Yellow
110 Vdc
215-521-31-38
Yellow
12 Vdc RP
215-521-33-38
Yellow
28 Vdc RP
215-521-75
Yellow
110 Vac 50 Hz
215-521-75-38
Yellow
110 Vac 50 Hz
215-521-76-38
Yellow
230 Vac 50 Hz
215-521-84-38
Yellow
130 Vac
215-527-00-50
Red
1.77 Vdc
215-532-00-51
Green
150 Vdc
215-532-04-38
Green
20 mA dc
215-532-22
Green
24 Vdc
215-532-22-38
Green
24 Vdc
215-532-24-38
Green
48 Vdc
215-532-25-38
Green
110 Vdc
215-532-50-38
Green
125 Vdc
215-532-75-38
Green
110 Vac 50 Hz
215-532-76-38
Green
230 Vac 50 Hz
215-532-77-38
Green
125 Vac 50 Hz
215-532-84-38
Green
130 Vac
215-906-22-38
-
24 Vdc
215-930-20-38
Blue
5/6 Vdc
215-930-21
Blue
12 Vdc
215-930-22-38
Blue
24 Vdc
215-930-25-38
Blue
110 Vdc
215-930-32-38
Blue
24 Vdc RP
215-930-37-38
Blue
60 Vdc RP
215-930-41-38
Blue
8 Vdc
215-930-45-38
Blue
30 Vdc
215-930-48-38
Blue
60 Vdc
215-930-75-38
Blue
110 Vac 50 Hz
215-993-04-38
Warm White
20 mA dc
Part
Number
Colour
Voltage
Vopr
215-993-22-38
Warm White
24 Vdc
215-993-25-38
Warm White
110 Vdc
215-993-32-38
Warm White
24 Vdc RP
215-993-45-38
Warm White
30 Vdc
215-993-55-38
Warm White
130 Vdc
215-993-75-38
Warm White
110 Vac 50 Hz
215-993-76-38
Warm White
230 Vac 50 Hz
215-993-84-38
Warm White
130 Vac
215-995-22-38
White
24 Vdc
215-997-00-53
White
150 Vdc
215-997-04-38
White
20 mA dc
215-997-22
White
24 Vdc
215-997-22-38
White
24 Vdc
215-997-24-38
White
48 Vdc
215-997-25-38
White
110 Vdc
215-997-27-38
White
220 Vdc
215-997-32-38
White
24 Vdc RP
215-997-33-38
White
28 Vdc RP
215-997-35-38
White
110 Vdc RP
215-997-42-50
Warm White
15 Vdc
215-997-48-38
White
60 Vdc
215-997-50-38
White
125 Vdc
215-997-55-38
White
130 Vdc
215-997-70-38
White
5/6 Vac 50 Hz
215-997-75
White
110 Vac 50 Hz
215-997-75-38
White
110 Vac 50 Hz
215-997-76
White
230 Vac 50 Hz
215-997-76-38
White
230 Vac 50 Hz
215-997-77-38
White
125 Vac 50 Hz
215-997-84-38
White
130 Vac
215-998-25-38
White
110 Vdc
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 215 - version 2013-03-04-173253
page 4 of 5


Similar Part No. - 215-521-76-38

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
215-521-76-38 MARL-215-521-76-38 Datasheet
226Kb / 4P
   Direct replacement for T3 쩌 Bayonet Automobile Cap
More results

Similar Description - 215-521-76-38

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
215-501-21-38 MARL-215-501-21-38_14 Datasheet
226Kb / 4P
   Direct replacement for T3 쩌 Bayonet Automobile Cap
255 MARL-255 Datasheet
285Kb / 5P
   Direct replacement for T3 쩌 BA9s Incandescent
214-501-75-50 MARL-214-501-75-50_13 Datasheet
251Kb / 5P
    Direct replacement for T3 쩌 BA9s Incandescent
255-501-64-38_1312 MARL-255-501-64-38_1312 Datasheet
285Kb / 5P
   Direct replacement for T3 쩌 BA9s Incandescent
210-501-21-38 MARL-210-501-21-38_14 Datasheet
290Kb / 5P
   Direct replacement for T3 쩌 Midget Edison Screw E10
261 MARL-261 Datasheet
215Kb / 3P
   Direct replacement for T3 쩌 Midget Edison Screw E10
210 MARL-210 Datasheet
290Kb / 5P
   Direct replacement for T3 쩌 Midget Edison Screw E10
261-990-95-38_1311 MARL-261-990-95-38_1311 Datasheet
215Kb / 3P
   Direct replacement for T3 쩌 Midget Edison Screw E10
211 MARL-211 Datasheet
281Kb / 5P
   Direct replacement for T3 쩌 Midget Edison Screw E10
253-997-98-50 MARL-253-997-98-50 Datasheet
122Kb / 2P
   FILAMENT REPLACEMENT LEDs - T2 Bayonet Cap
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com