Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP600 Datasheet(PDF) 1 Page - A-Data Technology

Part # SP600
Description  ADATA Premier Pro SP600 Soild State Drive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

SP600 Datasheet(HTML) 1 Page - A-Data Technology

  SP600 Datasheet HTML 1Page - A-Data Technology SP600 Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.adata-group.com
ADATA Premier Pro SP600 Solid State Drive
Features
> MTBF: 1,000,000 hrs
> With 128MB DRAM cache buffer
> TRIM Support (requires compatible OS)
> NCQ Support
> Self-Monitoring, Analysis and Reporting Technology
(S.M.A.R.T.) Support
> Backwards compatible with SATA II
> 3.5” desktop conversion bracket
> Acronis True Image HD, Disk Migration Utility
> OS Compatibility: Windows 8 / 7 / Windows XP / Windows Vista / Mac OS X / Linux
Specifications
SP600
32GB/64GB/128GB
2.5 inch
Multi-Level Cell (MLC) NAND Flash Memory
JMicron JMF661
100 x 69.85 x 9.5mm (L x W x H)
76g
SATA 6Gb/s
AS SSD:
Sequential Read: 360 MB/sec
Sequential Write: 130 MB/sec
0.7W Idle/1.5W Active
0 °C - 70 °C
-40 °C - 85 °C
1500G
1,000,000 Hours
Up to 40 bits correctable per 1K-byte sector (BCH)
*varies depending on exact configuration
10% to 90% RH (0° to 40°C)
5% to 90% RH (-10° to 40°C)
12000m
CE / FCC / VCCI / BSMI
3 Years
IO Meter:
IOPS: 40K (Maximum 4KB Random Read)
IOPS: 30K (Maximum 4KB Random Write)
Product Model
Capacity
Form factor
NAND Flash
Controller
Dimensions
Weight
Interface
Performance(Max)
Power Consumption
Operating temperature
Storage temperature
Shock resistance
MTBF
ECC Recovery
Operating Humidity
Storing Humidity
Max Operating Altitude
Certifications
Warranty


Similar Part No. - SP600

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
SP600 INTERSIL-SP600 Datasheet
74Kb / 7P
   Half Bridge 500VDC Driver
logo
SIPAT Co,Ltd
SP60001 SIPAT-SP60001 Datasheet
156Kb / 4P
   600MHz Low-loss SAW Filter 45MHz Bandwidth
logo
Littelfuse
SP6001 LITTELFUSE-SP6001 Datasheet
1Mb / 7P
   12pF EMI Filter Array with ESD Protection
SP6001-04UTG-1 LITTELFUSE-SP6001-04UTG-1 Datasheet
477Kb / 8P
   SP6001 Lead-Free/Green Series
SP6001-06UTG-1 LITTELFUSE-SP6001-06UTG-1 Datasheet
477Kb / 8P
   SP6001 Lead-Free/Green Series
More results

Similar Description - SP600

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
SP900 A-DATA-SP900 Datasheet
485Kb / 2P
   ADATA Premier Pro SP900 Solid State Drive SATA 6Gb/sec
SX300 A-DATA-SX300 Datasheet
553Kb / 2P
   ADATA XPG SX300/Premier Pro SP300
AUSDH8GUI1-R A-DATA-AUSDH8GUI1-R Datasheet
452Kb / 1P
   ADATA Premier Pro microSDHC UHS-I
SP800 A-DATA-SP800 Datasheet
361Kb / 2P
   ADATA Premier SP800 Solid State Drive SATA 3 Gb/sec
S510 A-DATA-S510 Datasheet
405Kb / 2P
   ADATA S510 Solid State Drive
SX910 A-DATA-SX910 Datasheet
486Kb / 3P
   ADATA XPG SX910 Solid State Drive
SX900 A-DATA-SX900 Datasheet
552Kb / 2P
   ADATA XPG SX900 Solid State Drive
SDHCUHS-I A-DATA-SDHCUHS-I Datasheet
1Mb / 1P
   ADATA Premier SDHC/SDXC UHS-I CLASS
UHS-I A-DATA-UHS-I Datasheet
1Mb / 1P
   ADATA Premier SDHC/SDXC UHS-I CLASS
logo
Crydom Inc.,
DRTX24D06X CRYDOM-DRTX24D06X_17 Datasheet
1Mb / 7P
   Soild State Relay Timer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com