Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT2X100D40J Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT2X100D40J
Description  ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT2X100D40J Datasheet(HTML) 2 Page - Advanced Power Technology

  APT2X100D40J Datasheet HTML 1Page - Advanced Power Technology APT2X100D40J Datasheet HTML 2Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MIN
TYP
MAX
60
90
60
140
185
185
25
30
55
70
750
3850
14.5
14.5
1200
800
UNIT
ns
Amps
nC
Volts
A/
µs
APT2X100/2X101D40J
Characteristic
Reverse Recovery Time, I
F
= 1.0A, di
F
/dt = -15A/
µs, V
R
= 30V, T
J
= 25
°C
Reverse Recovery Time
T
J
= 25
°C
I
F
= 100A, di
F
/dt = -800A/
µs, V
R
= 240V
T
J
= 100
°C
Forward Recovery Time
T
J
= 25
°C
I
F
= 100A, di
F
/dt = 800A/
µs, V
R
= 240V
T
J
= 100
°C
Reverse Recovery Current
T
J
= 25
°C
I
F
= 100A, di
F
/dt = -800A/
µs, V
R
= 240V
T
J
= 100
°C
Recovery Charge
T
J
= 25
°C
I
F
= 100A, di
F
/dt = -800A/
µs, V
R
= 240V
T
J
= 100
°C
Forward Recovery Voltage
T
J
= 25
°C
I
F
= 100A, di
F
/dt = 800A/
µs, V
R
= 240V
T
J
= 100
°C
Rate of Fall of Recovery Current
T
J
= 25
°C
I
F
= 100A, di
F
/dt = -800A/
µs, V
R
= 240V
T
J
= 100
°C
DYNAMIC CHARACTERISTICS
Symbol
t
rr1
t
rr2
t
rr3
t
fr1
t
fr2
I
RRM1
I
RRM2
Q
rr1
Q
rr2
V
fr1
V
fr2
diM/dt
THERMAL AND MECHANICAL CHARACTERISTICS
Characteristic / Test Conditions
Junction-to-Case Thermal Resistance
Junction-to-Ambient Thermal Resistance
RMS Voltage (50-60 Hz Sinusoidal Waveform from Terminals to Mounting Base for 1 Min.)
Package Weight
Maximum Torque (Mounting = 8-32 or 4mm Machine and Terminals = 4mm Machine)
Symbol
RθJC
RθJA
V
Isolation
W
T
Torque
MIN
TYP
MAX
0.42
20
2500
1.03
29.2
13.6
1.5
UNIT
°C/W
Volts
oz
gm
lb•in
N•m
APT Reserves the right to change, without notice, the specifications and information contained herein.
ISOTOP
® is a Registered Trademark of SGS Thomson.
Anode 1
31.5 (1.240)
31.7 (1.248)
Dimensions in Millimeters and (Inches)
7.8 (.307)
8.2 (.322)
30.1 (1.185)
30.3 (1.193)
38.0 (1.496)
38.2 (1.504)
14.9 (.587)
15.1 (.594)
11.8 (.463)
12.2 (.480)
8.9 (.350)
9.6 (.378)
Hex Nut M4 H100
(4 places)
0.75 (.030)
0.85 (.033)
12.6 (.496)
12.8 (.504)
25.2 (0.992)
25.4 (1.000)
1.95 (.077)
2.14 (.084)
Anode 2
Anti-parallel
Parallel
Cathode 1
r = 4.0 (.157)
(2 places)
4.0 (.157)
4.2 (.165)
(2 places)
W=4.1 (.161)
W=4.3 (.169)
H=4.8 (.187)
H=4.9 (.193)
(4 places)
3.3 (.129)
3.6 (.143)
Cathode 2
Anode 1
Cathode 2
Anode 2
Cathode 1
APT2X100D40J
APT2X101D40J
SOT-227 Package Outline


Similar Part No. - APT2X100D40J

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT2X100D40J ADPOW-APT2X100D40J Datasheet
122Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Microsemi Corporation
APT2X100D40J MICROSEMI-APT2X100D40J Datasheet
151Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
More results

Similar Description - APT2X100D40J

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT2X30D20J ADPOW-APT2X30D20J Datasheet
42Kb / 2P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D40J ADPOW-APT2X30D40J Datasheet
67Kb / 4P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X60D20J ADPOW-APT2X60D20J Datasheet
57Kb / 4P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D100J ADPOW-APT2X30D100J Datasheet
68Kb / 4P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D30J ADPOW-APT2X30D30J Datasheet
42Kb / 2P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X30D60J ADPOW-APT2X30D60J Datasheet
67Kb / 4P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X60D120J ADPOW-APT2X60D120J Datasheet
35Kb / 2P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X60D30J ADPOW-APT2X60D30J Datasheet
42Kb / 2P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X100D100J ADPOW-APT2X100D100J Datasheet
68Kb / 4P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
APT2X60D40J ADPOW-APT2X60D40J Datasheet
35Kb / 2P
   ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com