Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R11-0869 Datasheet(PDF) 14 Page - A-Data Technology

Part No. R11-0869
Description  AD3V1600W8G11 DDR3-1600(CL11) 240-Pin VLP R-DIMM 8GB(1024Mx72-bits)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  http://www.adata.com.tw
Logo A-DATA - A-Data Technology

R11-0869 Datasheet(HTML) 14 Page - A-Data Technology

Back Button R11-0869 Datasheet HTML 8Page - A-Data Technology R11-0869 Datasheet HTML 9Page - A-Data Technology R11-0869 Datasheet HTML 10Page - A-Data Technology R11-0869 Datasheet HTML 11Page - A-Data Technology R11-0869 Datasheet HTML 12Page - A-Data Technology R11-0869 Datasheet HTML 13Page - A-Data Technology R11-0869 Datasheet HTML 14Page - A-Data Technology R11-0869 Datasheet HTML 15Page - A-Data Technology R11-0869 Datasheet HTML 16Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
 
 
 
14
AD3V1600W8G11
DDR3-1600(CL11) 240-Pin VLP R-DIMM
8GB(1024Mx 72-bits)
 
 
tIS(base) AC175
Command and Address setup time to CK, CK# referenced to
Vih(ac) / Vil(ac) levels
45
-
ps
tIH(base) DC100
Command and Address hold time from CK, CK# referenced to
Vih(dc) / Vil(dc) levels
120
-
ps
tXP
Exit Power Down with DLL on to any valid command; Exit
Precharge Power Down with DLL frozen to commands not
requiring a locked DLL
max(3nCK,6ns)
-
-
tCKE
CKE minimum pulse width
max(3nCK,5ns)
-
-
tREFI
Average Periodic Refresh interval
85℃<TCASE <95℃
/3.9
0℃<TCASE <85℃
/7.8
us
 


Similar Part No. - R11-0869

ManufacturerPart No.DatasheetDescription
A-Data Technology
A-Data Technology
R11-0868 A-DATA-R11-0868 Datasheet
561Kb / 16P
   ADDV1333W8G9 DDR3L-1333(CL9) 240-Pin VLP R-DIMM 8GB(1024Mx72-bits)
More results

Similar Description - R11-0869

ManufacturerPart No.DatasheetDescription
A-Data Technology
A-Data Technology
R11-0875 A-DATA-R11-0875 Datasheet
561Kb / 16P
   ADD3V1600W8G11 DDR3L-1600(CL11) 240-Pin VLP R-DIMM 8GB(1024Mx72-bits)
R11-0836 A-DATA-R11-0836 Datasheet
783Kb / 16P
   AD3R1600W8G11 DDR3-1600(CL11) 240-Pin R-DIMM 8GB(1024M x 72-bits)
R11-0868 A-DATA-R11-0868 Datasheet
561Kb / 16P
   ADDV1333W8G9 DDR3L-1333(CL9) 240-Pin VLP R-DIMM 8GB(1024Mx72-bits)
R11-0834 A-DATA-R11-0834 Datasheet
783Kb / 16P
   AD3R1600C4G11 DDR3-1600(CL11) 240-Pin R-DIMM 4GB(512M x 72-bits)
List of Unclassifed Manufacturers
List of Unclassifed Man...
HX321C11SR-4 ETC2-HX321C11SR-4 Datasheet
596Kb / 2P
   DDR3-2133 CL11 240-Pin DIMM
HX324C11SRK2-8 ETC2-HX324C11SRK2-8 Datasheet
596Kb / 2P
   DDR3-2400 CL11 240-Pin DIMM
HX324C11SRK4-32 ETC2-HX324C11SRK4-32 Datasheet
591Kb / 2P
   DDR3-2400 CL11 240-Pin DIMM
HX324C11SR-4 ETC2-HX324C11SR-4 Datasheet
596Kb / 2P
   DDR3-2400 CL11 240-Pin DIMM
HX321C11SR-8 ETC2-HX321C11SR-8 Datasheet
591Kb / 2P
   DDR3-2133 CL11 240-Pin DIMM
HX324C11SR-8 ETC2-HX324C11SR-8 Datasheet
591Kb / 2P
   DDR3-2400 CL11 240-Pin DIMM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz