Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R11-0869 Datasheet(PDF) 12 Page - A-Data Technology

Part No. R11-0869
Description  AD3V1600W8G11 DDR3-1600(CL11) 240-Pin VLP R-DIMM 8GB(1024Mx72-bits)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  http://www.adata.com.tw
Logo A-DATA - A-Data Technology

R11-0869 Datasheet(HTML) 12 Page - A-Data Technology

Back Button R11-0869 Datasheet HTML 8Page - A-Data Technology R11-0869 Datasheet HTML 9Page - A-Data Technology R11-0869 Datasheet HTML 10Page - A-Data Technology R11-0869 Datasheet HTML 11Page - A-Data Technology R11-0869 Datasheet HTML 12Page - A-Data Technology R11-0869 Datasheet HTML 13Page - A-Data Technology R11-0869 Datasheet HTML 14Page - A-Data Technology R11-0869 Datasheet HTML 15Page - A-Data Technology R11-0869 Datasheet HTML 16Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
 
 
 
12
AD3V1600W8G11
DDR3-1600(CL11) 240-Pin VLP R-DIMM
8GB(1024Mx 72-bits)
 
IDD Specification:
Symbol
Condition
Typical
Unit
IDD0
Operating One Bank Active-Precharge Current
855
mA
IDD1
Operating One Bank Active-Read-Precharge Current
963
mA
IDD2P0
Precharge Power-Down Current Slow Exit
360
mA
IDD2P1
Precharge Power-Down Current Fast Exit
666
mA
IDD2Q
Precharge Quiet Standby Current
846
mA
IDD2N
Precharge Standby Current
900
mA
IDD3P
Active Power-Down Current
1134
mA
IDD3N
Active Standby Current
1116
mA
IDD4W
Operating Burst Write Current
1665
mA
IDD4R
Operating Burst Read Current
2800
mA
IDD5B
Burst Refresh Current
2160
mA
IDD6
Self Refresh Current: Normal Temperature Range
396
mA
IDD7
Operating Bank Interleave Read Current
2790
mA
IDD8
RESET Low Current
396
mA
Note:
IDD current measure method and detail patterns are described on DDR3 component datasheet. Only for reference.
Speed Bins and CL,tRCD,tRP,tRC and tRAS for Corresponding Bin:
Speed
DDR3-1600
Units
Bin(CL-tRCD-tRP)
11-11-11
Parameter
Min
CL
11
tCK
tRCD
13.125
ns
tRC
48.125
ns
tRRD
6
ns
tCK
1.25
ns
tRAS
35
ns
tRP
13.125
ns
tRFC
300
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn