Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R11-0869 Datasheet(PDF) 10 Page - A-Data Technology

Part No. R11-0869
Description  AD3V1600W8G11 DDR3-1600(CL11) 240-Pin VLP R-DIMM 8GB(1024Mx72-bits)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  A-DATA [A-Data Technology]
Homepage  http://www.adata.com.tw
Logo A-DATA - A-Data Technology

R11-0869 Datasheet(HTML) 10 Page - A-Data Technology

Back Button R11-0869 Datasheet HTML 6Page - A-Data Technology R11-0869 Datasheet HTML 7Page - A-Data Technology R11-0869 Datasheet HTML 8Page - A-Data Technology R11-0869 Datasheet HTML 9Page - A-Data Technology R11-0869 Datasheet HTML 10Page - A-Data Technology R11-0869 Datasheet HTML 11Page - A-Data Technology R11-0869 Datasheet HTML 12Page - A-Data Technology R11-0869 Datasheet HTML 13Page - A-Data Technology R11-0869 Datasheet HTML 14Page - A-Data Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
 
 
 
10
AD3V1600W8G11
DDR3-1600(CL11) 240-Pin VLP R-DIMM
8GB(1024Mx 72-bits)
 
Absolute Maximum Ratings:
Parameter
Symbol
Value
Unit
Voltage on VDD supply relative to Vss
VDD
-0.4 ~ 1.975
V
Voltage on VDDQ pin relative to Vss
VDDQ
-0.4 ~1.975
V
Voltage on any pin relative to Vss
VIN, Vout
-0.4 ~ 1.975
V
Storage temperature
TStg
-55 ~ +100
Note:
DDR3 SDRAM component specification.
Operation Temperature Condition
Parameter
Symbol
Value
Unit
Note
Normal Operating Temperature Range
TC
0~+85
1
Extended Temperature Range (Optional)
TC
+85~+95
1
Note:
(1) If the DRAM case temperature is above 85
℃, the Auto-Refresh command interval has to be reduced to tREFI=3.9us.
DC Operating Condition
Voltage referenced to Vss = 0V, VDD&VDDQ=1. 5V, Tc = 0 to 85
Parameter
Symbol
Min
Max
Unit
Note
Supply Voltage
VDD
1.425
1.575
V
1,2
VDDSPD
3
3.6
V
Supply Voltage for Output
VDDQ
1.425
1.575
V
1,2
I/O Reference Voltage(CMD/ADD)
VREFCA, (DC)
0.49 x VDD
0.51 x VDD
V
3,4
I/O Reference Voltage(DQ)
VREFDQ, (DC)
0.49 x VDD
0.51 x VDD
V
3,4
Termination Voltage
VTT
VDD/2 - TBD
VDD/2 +TBD
V
Note:
(1) Under all conditions VDDQ must be less than or equal to VDD.
(2) VDDQ tracks with VDD. AC parameters are measured with VDD and VDDQ tied together.
(3) The AC peak noise on VREF may not allow VREF to deviate from VREF(DC) by more than ±1% VDD
(for reference: approx. ±15mV)
(4) For reference: approx. VDD/2 ±15mV


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn