Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R11-0869 Datasheet(PDF) 8 Page - A-Data Technology

Part No. R11-0869
Description  AD3V1600W8G11 DDR3-1600(CL11) 240-Pin VLP R-DIMM 8GB(1024Mx72-bits)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  http://www.adata.com.tw
Logo A-DATA - A-Data Technology

R11-0869 Datasheet(HTML) 8 Page - A-Data Technology

Back Button R11-0869 Datasheet HTML 4Page - A-Data Technology R11-0869 Datasheet HTML 5Page - A-Data Technology R11-0869 Datasheet HTML 6Page - A-Data Technology R11-0869 Datasheet HTML 7Page - A-Data Technology R11-0869 Datasheet HTML 8Page - A-Data Technology R11-0869 Datasheet HTML 9Page - A-Data Technology R11-0869 Datasheet HTML 10Page - A-Data Technology R11-0869 Datasheet HTML 11Page - A-Data Technology R11-0869 Datasheet HTML 12Page - A-Data Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
 
 
 
 
8
AD3V1600W8G11
DDR3-1600(CL11) 240-Pin VLP R-DIMM
8GB(1024Mx72-bits)
SCL
Serial clock
EEPROM clock input
SA0~SA2
Address in EEPROM
EEPROM address input
ODT0~ODT1
On Die Termination
When high, termination resistance is enabled for all DQ, /DQ and DM pins, assuming the
function is enabled in the Extended Mode Register Set.
PAR
_IN
Parity input
Parity bit for the command and address bus. ("1 " : Odd, "0 ": Even)
/RESET
Reset
/RESET is an active LOW CMOS input referenced to VSS. The RESET# input receiver is a
CMOS input defined as a rail-to-rail signal with DC HIGH ≥ 0.8 × VDD and DC LOW ≤ 0.2 ×
VDD. RESET# assertion and deassertion are asynchronous.
/ERR_OUT
Parity error output:
Parity error found on the command and address bus.
/EVENT
Thermal EVENT
This signal indicates that a thermal event has been detected in the thermal sensing
device.The system should guarantee the electrical level requirement is met for the EVENT pin
on TS/SPD part.
NC
No Connection
This pin is recommended to be left No Connection on the device.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn