Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R11-0869 Datasheet(PDF) 7 Page - A-Data Technology

Part No. R11-0869
Description  AD3V1600W8G11 DDR3-1600(CL11) 240-Pin VLP R-DIMM 8GB(1024Mx72-bits)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  http://www.adata.com.tw
Logo A-DATA - A-Data Technology

R11-0869 Datasheet(HTML) 7 Page - A-Data Technology

Back Button R11-0869 Datasheet HTML 3Page - A-Data Technology R11-0869 Datasheet HTML 4Page - A-Data Technology R11-0869 Datasheet HTML 5Page - A-Data Technology R11-0869 Datasheet HTML 6Page - A-Data Technology R11-0869 Datasheet HTML 7Page - A-Data Technology R11-0869 Datasheet HTML 8Page - A-Data Technology R11-0869 Datasheet HTML 9Page - A-Data Technology R11-0869 Datasheet HTML 10Page - A-Data Technology R11-0869 Datasheet HTML 11Page - A-Data Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
 
 
 
 
7
AD3V1600W8G11
DDR3-1600(CL11) 240-Pin VLP R-DIMM
8GB(1024Mx72-bits)
Pin Description:
PIN
NAME
FUNCTION
CK0,
/CK0
System Clock
Active on the positive and negative edge to sample all inputs.
CKE0~CKE1
Clock Enable
Masks system clock to freeze operation from the next clock cycle. CKE should be enabled at
least on cycle prior new command. Disable input buffers for power down in standby
/S0~/S3
Chip Select
Disables or Enables device operation by masking or enabling all input except CK, CKE and
L(U)DQM
A0~A15
Address
Row / Column address are multiplexed on the same pins.
(Row Address: A0~A15 , Column Address: A0~A9 , Auto precharge: A10/AP)
BA0~BA2
Banks Select
Selects bank to be activated during row address latch time.
Selects bank for read / write during column address latch time.
DQ0~DQ63
CB0~CB7
Data
Data and check bit inputs / outputs are multiplexed on the same pins.
DQS0~DQS8,
/DQS0~/DQS8
Data Strobe
Bi-directional Data Strobe
TDQS9~TDQS17,
/TDQS9~/TDQS17
Termination Data Strobe Termination Data Strobe
/RAS
Row Address Strobe
Latches row addresses on the positive edge of the CK with /RAS low
/CAS
Column Address Strobe Latches Column addresses on the positive edge of the CK with /CAS low
/WE
Write Enable
Enables write operation and row recharge.
VDD / VSS
Power Supply/Ground
Power and Ground for the input buffers and the core logic.
VREFDQ
Power Supply reference Power Supply for reference.DQ,DM.VDD/2
VREFCA
Power Supply reference Power Supply for reference. Command , address, & control.VDD/2
VDDQ
Power Supply
Power supply for the DDR3 SDRAM output buffers to provide improved noise immunity
SDA
Serial data I/O
EEPROM serial data I/O


Similar Part No. - R11-0869

ManufacturerPart No.DatasheetDescription
A-Data Technology
A-Data Technology
R11-0868 A-DATA-R11-0868 Datasheet
561Kb / 16P
   ADDV1333W8G9 DDR3L-1333(CL9) 240-Pin VLP R-DIMM 8GB(1024Mx72-bits)
More results

Similar Description - R11-0869

ManufacturerPart No.DatasheetDescription
A-Data Technology
A-Data Technology
R11-0875 A-DATA-R11-0875 Datasheet
561Kb / 16P
   ADD3V1600W8G11 DDR3L-1600(CL11) 240-Pin VLP R-DIMM 8GB(1024Mx72-bits)
R11-0836 A-DATA-R11-0836 Datasheet
783Kb / 16P
   AD3R1600W8G11 DDR3-1600(CL11) 240-Pin R-DIMM 8GB(1024M x 72-bits)
R11-0868 A-DATA-R11-0868 Datasheet
561Kb / 16P
   ADDV1333W8G9 DDR3L-1333(CL9) 240-Pin VLP R-DIMM 8GB(1024Mx72-bits)
R11-0834 A-DATA-R11-0834 Datasheet
783Kb / 16P
   AD3R1600C4G11 DDR3-1600(CL11) 240-Pin R-DIMM 4GB(512M x 72-bits)
List of Unclassifed Manufacturers
List of Unclassifed Man...
HX321C11SR-4 ETC2-HX321C11SR-4 Datasheet
596Kb / 2P
   DDR3-2133 CL11 240-Pin DIMM
HX324C11SRK2-8 ETC2-HX324C11SRK2-8 Datasheet
596Kb / 2P
   DDR3-2400 CL11 240-Pin DIMM
HX324C11SRK4-32 ETC2-HX324C11SRK4-32 Datasheet
591Kb / 2P
   DDR3-2400 CL11 240-Pin DIMM
HX324C11SR-4 ETC2-HX324C11SR-4 Datasheet
596Kb / 2P
   DDR3-2400 CL11 240-Pin DIMM
HX321C11SR-8 ETC2-HX321C11SR-8 Datasheet
591Kb / 2P
   DDR3-2133 CL11 240-Pin DIMM
HX324C11SR-8 ETC2-HX324C11SR-8 Datasheet
591Kb / 2P
   DDR3-2400 CL11 240-Pin DIMM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz