Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0306ZC105KAT4A Datasheet(PDF) 3 Page - AVX Corporation

Part # 0306ZC105KAT4A
Description  Low Inductance Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0306ZC105KAT4A Datasheet(HTML) 3 Page - AVX Corporation

  0306ZC105KAT4A Datasheet HTML 1Page - AVX Corporation 0306ZC105KAT4A Datasheet HTML 2Page - AVX Corporation 0306ZC105KAT4A Datasheet HTML 3Page - AVX Corporation 0306ZC105KAT4A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
61
GENERAL DESCRIPTION
The key physical characteristic determining equivalent
series inductance (ESL) of a capacitor is the size of the
current loop it creates. The smaller the current loop, the
lower the ESL.
A standard surface mount MLCC is rectangular in shape
with electrical terminations on its shorter sides. A Low
Inductance Chip Capacitor (LICC) sometimes referred to
as Reverse Geometry Capacitor (RGC) has its
terminations on the longer sides of its rectangular shape.
The image on the right shows the termination differences
between an MLCC and an LICC.
When the distance between terminations is reduced, the
size of the current loop is reduced. Since the size of the
current loop is the primary driver of inductance, an 0306
with a smaller current loop has significantly lower ESL
then an 0603. The reduction in ESL varies by EIA size,
however, ESL is typically reduced 60% or more with an
LICC versus a standard MLCC.
AVX LICC products are available with a lead-free finish of
plated Nickel/Tin.
Low Inductance Capacitors (RoHS)
0612/0508/0306/0204 LICC (Low Inductance Chip Capacitors)
HOW TO ORDER
MLCC
LICC
0.001
0.01
0.1
1
10
1
10
100
1000
Frequency (MHz)
LICC_0612
MLCC_1206
0.001
0.01
0.1
1
10
1
10
100
1000
Frequency (MHz)
LICC_0508
MLCC_0805
0612
Size
0204
0306
0508
0612
Z
Voltage
4 = 4V
6 = 6.3V
Z = 10V
Y = 16V
3 = 25V
5 = 50V
D
Dielectric
C = X7R
D = X5R
W = X6S
Z = X7S
105
Capacitance
Code (In pF)
2 Sig. Digits +
Number of Zeros
M
Capacitance
Tolerance
K = ±10%
M = ±20%
A
Failure Rate
A = N/A
T
Terminations
T = Plated Ni
and Sn
2
Packaging
Available
2 = 7" Reel
4 = 13" Reel
A*
Thickness
Thickness
mm (in)
0.35 (0.014)
0.56 (0.022)
0.61 (0.024)
0.76 (0.030)
1.02 (0.040)
1.27 (0.050)
TYPICAL IMPEDANCE CHARACTERISTICS
PERFORMANCE CHARACTERISTICS
Capacitance Tolerances
K = ±10%; M = ±20%
Operation
X7R = -55°C to +125°C
Temperature Range
X5R = -55°C to +85°C
X7S = -55°C to +125°C
Temperature Coefficient
X7R, X5R = ±15%; X7S = ±22%
Voltage Ratings
4, 6.3, 10, 16, 25 VDC
Dissipation Factor
4V, 6.3V = 6.5% max; 10V = 5.0% max;
16V = 3.5% max; 25V = 3.0% max
Insulation Resistance
100,000MΩ min, or 1,000MΩ per
(@+25°C, RVDC)
μF min.,whichever is less
NOTE: Contact factory for availability of Termination and Tolerance Options for Specific Part Numbers.


Similar Part No. - 0306ZC105KAT4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0306ZC102KAT2A AVX-0306ZC102KAT2A Datasheet
308Kb / 4P
   Low Inductance Capacitors
0306ZC103KAT2A AVX-0306ZC103KAT2A Datasheet
308Kb / 4P
   Low Inductance Capacitors
0306ZC103MAT2A AVX-0306ZC103MAT2A Datasheet
308Kb / 4P
   Low Inductance Capacitors
0306ZC104KAT4A AVX-0306ZC104KAT4A Datasheet
308Kb / 4P
   Low Inductance Capacitors
0306ZC104MAT2A AVX-0306ZC104MAT2A Datasheet
321Kb / 4P
   Low Inductance Capacitors
More results

Similar Description - 0306ZC105KAT4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0612YC105KAT2A AVX-0612YC105KAT2A Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC224KAT2V AVX-0612YC224KAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC224MAT2V AVX-0612YC224MAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC473KAT2V AVX-0612YC473KAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612YC684KAT2W AVX-0612YC684KAT2W Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC103KAT2W AVX-0612ZC103KAT2W Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC104MAT2V AVX-0612ZC104MAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC105KAT2W AVX-0612ZC105KAT2W Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC105MAT2A AVX-0612ZC105MAT2A Datasheet
321Kb / 4P
   Low Inductance Capacitors
0612ZC223KAT2U AVX-0612ZC223KAT2U Datasheet
327Kb / 4P
   Low Inductance Capacitors
0612ZC224KAT2V AVX-0612ZC224KAT2V Datasheet
321Kb / 4P
   Low Inductance Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com