Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9485 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9485
Description  SMA Female to SMA Female Right Angle Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9485 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9485 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9485 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9485 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
SMA Female to SMA Female Right Angle Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female to SMA Female Right Angle Adapter PE9485
URL: http://www.pasternack.com/sma-female-sma-female-right-angle-adapter-pe9485-p.aspx
SMA Female to SMA Female Right Angle Adapter
PE9485
PE9485 REV


Similar Part No. - PE9485

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9480 PASTERNACK-PE9480 Datasheet
246Kb / 2P
   MMCX Plug to MMCX Jack Adapter
PE9481 PASTERNACK-PE9481 Datasheet
242Kb / 2P
   N Tee Adapter Male-Female-Female
PE9482 PASTERNACK-PE9482 Datasheet
261Kb / 3P
   N Female to TNC Female Bulkhead Adapter
PE9483 PASTERNACK-PE9483 Datasheet
262Kb / 3P
   Hermetically Sealed TNC Female to BNC Female Bulkhead Adapter
PE9484 PASTERNACK-PE9484 Datasheet
253Kb / 3P
   BNC Tee Adapter Male-Female-Female
More results

Similar Description - PE9485

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91150 PASTERNACK-PE91150 Datasheet
175Kb / 3P
   SMA Female to SMA Female Right Angle Adapter
PE9274 PASTERNACK-PE9274 Datasheet
248Kb / 3P
   SMA Female to SMA Female Radius Right Angle Adapter
logo
List of Unclassifed Man...
5095 ETC2-5095 Datasheet
162Kb / 1P
   SMA FEMALE TO SMA FEMALE RADIUS RIGHT ANGLE ADAPTER
logo
Pasternack Enterprises,...
PE9274 PASTERNACK-PE9274 Datasheet
248Kb / 3P
   SMA Female to SMA Female Radius Right Angle Adapter
PE91325 PASTERNACK-PE91325 Datasheet
345Kb / 3P
   SMA Female to SMA Female Radius Right Angle Adapter
logo
Linx Technologies
CONSMA010-G LINX-CONSMA010-G Datasheet
302Kb / 2P
   SMA MALE TO SMA FEMALE RIGHT ANGLE ADAPTER
21/JAN/19
logo
Pasternack Enterprises,...
PE9068 PASTERNACK-PE9068 Datasheet
250Kb / 3P
   SMA Male to SMA Female Right Angle Adapter
PE91149 PASTERNACK-PE91149 Datasheet
397Kb / 5P
   SMA Male to SMA Female Right Angle Adapter
PE9070 PASTERNACK-PE9070 Datasheet
253Kb / 3P
   SMA Female to SMA Female Adapter
PE9070 PASTERNACK-PE9070 Datasheet
253Kb / 3P
   SMA Female to SMA Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com