Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06031C222KAZ2A Datasheet(PDF) 65 Page - AVX Corporation

Part # 06031C222KAZ2A
Description  Application Specific MLCs
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

06031C222KAZ2A Datasheet(HTML) 65 Page - AVX Corporation

Back Button 06031C222KAZ2A Datasheet HTML 61Page - AVX Corporation 06031C222KAZ2A Datasheet HTML 62Page - AVX Corporation 06031C222KAZ2A Datasheet HTML 63Page - AVX Corporation 06031C222KAZ2A Datasheet HTML 64Page - AVX Corporation 06031C222KAZ2A Datasheet HTML 65Page - AVX Corporation 06031C222KAZ2A Datasheet HTML 66Page - AVX Corporation 06031C222KAZ2A Datasheet HTML 67Page - AVX Corporation 06031C222KAZ2A Datasheet HTML 68Page - AVX Corporation 06031C222KAZ2A Datasheet HTML 69Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 135 page
background image
64
SMPS Capacitors (CECC Offering)
Size Code
Length (L)
Height (H)
Thickness (T)
Nom (t)
S ±0.4
(max.)
(max.)
(max.)
BR40
10.16 (0.400)
11.7
(0.460)
3.81 (0.150)
0.51 (0.020)
5.08 (0.200)
BR50
12.7
(0.500)
12.7
(0.500)
5.1
(0.200)
0.64 (0.025)
10.16 (0.400)
BR84
23.6
(0.930)
17.78 (0.700)
6.35 (0.250)
0.76 (0.030)
20.32 (0.800)
L
T
H
t
S
31.7
(1.248)
MIN.
1.50
(0.059)
MAX.
DIMENSIONS
millimeters (inches)
1B/C0G
2C1/X7R
CECC 30 601 801 Issue 1
CECC 30 701 801 Issue 1
50V
100V
200V
500V
50V
100V
200V
500V
BR40
683-104
473-683
333-473
4R5-153
185-275
125-185
334-474
473-154
BR50
124-224
104-154
683-104
820-333
395-475
225-275
684-105
104-394
BR84
104-564
104-474
104-334
223-104
475-186
475-156
105-335
474-155
CECC APPROVED RANGE
BR
84
1
C
156
K
T
A
Style
Size
Voltage
Dielectric
Capacitance
Capacitance
Specification
Lead Length
Code
Code
Code
Code
Code
Tolerance
Code
Code
See
5 = 50V
A = C0G
(2 significant
G = ±2%
T = CECC
A = 31.7mm min.
table
1 = 100V
C = X7R
digits + no.
C0G only
above
2 = 200V
of zeros)
J = ±5%
7 = 500V
C0G only
K = ±10%
M = ±20%
P = -0 +100%
Note: If tape and reel is required, add TR to the end of the part number
HOW TO ORDER
Not RoHS Compliant


Similar Part No. - 06031C222KAZ2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06031C225J4Z2A AVX-06031C225J4Z2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM General Specifications
06031C225J4Z4A AVX-06031C225J4Z4A Datasheet
199Kb / 5P
   MLCC with FLEXITERM General Specifications
06031C225JAZ2A AVX-06031C225JAZ2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM General Specifications
06031C225JAZ4A AVX-06031C225JAZ4A Datasheet
199Kb / 5P
   MLCC with FLEXITERM General Specifications
06031C225K4Z2A AVX-06031C225K4Z2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM General Specifications
More results

Similar Description - 06031C222KAZ2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06031C271KAZ2A AVX-06031C271KAZ2A Datasheet
6Mb / 135P
   Application Specific MLCs
logo
Murata Manufacturing Co...
1303353 MURATA-1303353 Datasheet
1Mb / 30P
   Application Specific Capacitors
logo
International Rectifier
IRF6668PBF IRF-IRF6668PBF_15 Datasheet
636Kb / 10P
   Application Specific MOSFETs
IRF6623TR1 IRF-IRF6623TR1 Datasheet
225Kb / 9P
   Application Specific MOSFETs
IRF6655PBF IRF-IRF6655PBF_15 Datasheet
277Kb / 10P
   Application Specific MOSFETs
logo
List of Unclassifed Man...
33105 ETC2-33105 Datasheet
117Kb / 1P
   APPLICATION SPECIFIC ADAPTERS
logo
International Rectifier
IRF6604TR1 IRF-IRF6604TR1 Datasheet
635Kb / 13P
   Application Specific MOSFETs
IRF6655TR1PBF IRF-IRF6655TR1PBF Datasheet
277Kb / 10P
   Application Specific MOSFETs
IRF6662PBF IRF-IRF6662PBF_15 Datasheet
253Kb / 10P
   Application Specific MOSFETs
IRF6645PBF IRF-IRF6645PBF_15 Datasheet
239Kb / 9P
   Application Specific MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com