Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT3904LT1 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MMBT3904LT1
Description  General Purpose Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBT3904LT1 Datasheet(HTML) 5 Page - Motorola, Inc

  MMBT3904LT1 Datasheet HTML 1Page - Motorola, Inc MMBT3904LT1 Datasheet HTML 2Page - Motorola, Inc MMBT3904LT1 Datasheet HTML 3Page - Motorola, Inc MMBT3904LT1 Datasheet HTML 4Page - Motorola, Inc MMBT3904LT1 Datasheet HTML 5Page - Motorola, Inc MMBT3904LT1 Datasheet HTML 6Page - Motorola, Inc MMBT3904LT1 Datasheet HTML 7Page - Motorola, Inc MMBT3904LT1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MMBT3904LT1
5
Motorola Small–Signal Transistors, FETs and Diodes Device Data
h PARAMETERS
(VCE = 10 Vdc, f = 1.0 kHz, TA = 25°C)
Figure 11. Current Gain
IC, COLLECTOR CURRENT (mA)
70
100
200
300
50
Figure 12. Output Admittance
IC, COLLECTOR CURRENT (mA)
Figure 13. Input Impedance
IC, COLLECTOR CURRENT (mA)
Figure 14. Voltage Feedback Ratio
IC, COLLECTOR CURRENT (mA)
30
100
50
5
10
20
2.0
3.0
5.0
7.0
10
1.0
0.1
0.2
1.0
2.0
5.0
0.5
10
0.3
0.5
3.0
0.7
2.0
5.0
10
20
1.0
0.2
0.5
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
2
1
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
TYPICAL STATIC CHARACTERISTICS
Figure 15. DC Current Gain
IC, COLLECTOR CURRENT (mA)
0.3
0.5
0.7
1.0
2.0
0.2
0.1
0.5
2.0
3.0
10
50
70
0.2
0.3
0.1
100
1.0
0.7
200
30
20
5.0
7.0
VCE = 1.0 V
TJ = +125°C
+25
°C
– 55
°C


Similar Part No. - MMBT3904LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT3904LT1 ONSEMI-MMBT3904LT1 Datasheet
164Kb / 6P
   General Purpose Transistor(NPN Silicon)
February, 2004 ??Rev. 5
MMBT3904LT1 ONSEMI-MMBT3904LT1 Datasheet
101Kb / 6P
   General Purpose Transistor (NPN Silicon)
February, 2004 ??Rev. 5
logo
Leshan Radio Company
MMBT3904LT1 LRC-MMBT3904LT1 Datasheet
265Kb / 6P
   NPN SILICON
logo
Avic Technology
MMBT3904LT1 AVICTEK-MMBT3904LT1 Datasheet
40Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Silicon Standard Corp.
MMBT3904LT1 SSC-MMBT3904LT1 Datasheet
80Kb / 2P
   Transistors (NPN)
More results

Similar Description - MMBT3904LT1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com