Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0603YC104KAZ2A Datasheet(PDF) 3 Page - AVX Corporation

Part # 0603YC104KAZ2A
Description  MLCC with FLEXITERM짰
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0603YC104KAZ2A Datasheet(HTML) 3 Page - AVX Corporation

  0603YC104KAZ2A Datasheet HTML 1Page - AVX Corporation 0603YC104KAZ2A Datasheet HTML 2Page - AVX Corporation 0603YC104KAZ2A Datasheet HTML 3Page - AVX Corporation 0603YC104KAZ2A Datasheet HTML 4Page - AVX Corporation 0603YC104KAZ2A Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
48
10
8
6
4
2
0
0
500
1000 1500
0603
2000 2500 3000
10
8
6
4
2
0
0
500
1000 1500
1206
2000 2500 3000
10
8
6
4
2
0
0
500
1000 1500
0805
2000 2500 3000
10
8
6
4
2
0
0
500
1000 1500
1210
2000
Soft Term - No Defects up to 3000 cycles
2500 3000
BEYOND 1000 CYCLES: TEMPERATURE CYCLE TEST RESULTS
AEC-Q200 specification states
1000 cycles compared to AVX
3000 temperature cycles.
MLCC with FLEXITERM®
Specifications and Test Methods
FLEXITERM® TEST SUMMARY
WITHOUT SOFT TERMINATION
WITH SOFT TERMINATION
Major fear is of latent board flex failures.
Far superior mechanical performance.
Generally open failure mode beyond
5mm flexure.
• Qualified to AEC-Q200 test/specification with the exception
of using AVX 3000 temperature cycles (up to +150°C bend
test guaranteed greater than 5mm).
• FLEXITERM® provides improved performance compared to
standard termination systems.
• Board bend test improvement by a factor of 2 to 4 times.
• Temperature Cycling:
– 0% Failure up to 3000 cycles
– No ESR change up to 3000 cycles


Similar Part No. - 0603YC104KAZ2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0603YC104KAZ2A AVX-0603YC104KAZ2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM General Specifications
logo
Kyocera Kinseki Corpota...
0603YC104KAZ2A KSS-0603YC104KAZ2A Datasheet
808Kb / 5P
   MLCC with FLEXITERM®
091120
More results

Similar Description - 0603YC104KAZ2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0603ZC103KAZ2A AVX-0603ZC103KAZ2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM짰
08051C104K4Z2A AVX-08051C104K4Z2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM짰
06031C392JAZ2A AVX-06031C392JAZ2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM짰
06035C102KAZ2A AVX-06035C102KAZ2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM짰
06035C271M4Z2A AVX-06035C271M4Z2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM짰
06035C273J4Z2A AVX-06035C273J4Z2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM짰
06035C681KAZ2A AVX-06035C681KAZ2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM짰
06035F473K4Z2A AVX-06035F473K4Z2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM짰
08055C104KAZ2A AVX-08055C104KAZ2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM짰
12103C225KAZ2A AVX-12103C225KAZ2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM짰
0603YC104J4Z2A AVX-0603YC104J4Z2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM짰
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com