Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC170-831-FL Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # MPC170-831-FL
Description  Built-in Super Multi drive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

MPC170-831-FL Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  MPC170-831-FL Datasheet HTML 1Page - Axiomtek Co., Ltd. MPC170-831-FL Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
540
* All specifications and photos are subject to change without notice.
axiomtek.com
Overview
Industrial Panel
Computers &
Monitors
Heavy-duty Fanless
Touch Panel
Computers
Digital
Signage
Solutions
Healthcare
& Medical
Solutions
Open Frame
Panel
Computers
Accessories
© 2013 Axiomtek Co., Ltd. All rights reserved.
Ordering Information
Specifications
Optional Accessories
Optional OS Installation
Dimensions
I/O Connector
2 x RS-232 (COM 2/3)
1 x RS-232/422/485 (COM 1)
4 x USB 2.0
2 x PS/2 mouse/keyboard
1 x Audio (Mic-in/Line-out)
1 x VGA out (supports DualView)
2 x IEEE 1394a
2 x 10/100/1000Mbps Ethernet
Expansion Interface
1 x PCI slot
Camera
1 x 1.3 mega pixels camera
Touchscreen
Resistive type
Light transmission: 80%
Touch life 35 million touches
Power Supply
Medical grade AC 90~264V, ATX 150W power supply
ATX 150W DC power supply; input 18~36VDC
Dimensions
439 mm (17.28") (W) x 92 mm (3.6") (D) x
376.5 mm (14.82") (H)
Packing Dimensions
610 mm (24.02") (W) x 260 mm (10.24") (D)
x 590 mm (23.23") (H)
Weight (net/gross)
9 kg (19.84 lb)/13.7 kg (30.2 lb)
Environment
Operating temperature: 0° ~ +40°C (32°F ~ 104°F)
Storage Temperature: -20°C ~ +60°C (-4°F ~ +140°F)
Relative humidity: 10% ~ 95%, non-condensing
Certification
CE, FCC class B, EN60601-1, UL60601-1
AC Power Version
MPC170-831-FL1.5G
-AC-DVDRW
17" TFT fanless medical grade panel computer with LV
Intel
® Core™2 Duo 1.5 GHz (L7400) processor, resistive T/S,
Super Multi drive
MPC170-831-FL1.06G
-AC-DVDRRW
17" TFT fanless medical grade panel computer with ULV
Intel
® Celeron® M 1.06 GHz (423) processor, resistive T/S,
Super Multi drive
MPC170-831-FL1.5G
-AC w/o DVDROM
17" TFT fanless medical grade panel computer with LV
Intel
® Core™2 Duo 1.5 GHz (L7400) processor, resistive T/S,
w/o Super Multi drive
MPC170-831-FL1.06G
-AC w/o DVDRW
17" TFT fanless medical grade panel computer with ULV
Intel
® Celeron® M 1.06 GHz (423) processor, resistive T/S,
w/o Super Multi drive
DC Power Version
MPC170-831-FL1.5G
-DC-DVDRW
17" TFT fanless medical grade panel computer with LV
Intel
® Core™2 Duo 1.5 GHz (L7400) processor, resistive T/S,
Super Multi drive
MPC170-831-FL1.06G
-DC-DVDRW
17" TFT fanless medical grade panel computer with ULV
Intel
® Celeron® M 1.06 GHz (423) processor, resistive T/S,
Super Multi drive
MPC170-831-FL1.5G
-DC w/o DVDRW
17" TFT fanless medical grade panel computer with LV
Intel
® Core™2 Duo 1.5 GHz (L7400) processor, resistive T/S,
w/o Super Multi drive
MPC170-831-FL1.06G
-DC w/o DVDRW
17" TFT fanless medical grade panel computer with ULV
Intel
® Celeron® M 1.06 GHz (423) processor, resistive T/S,
w/o Super Multi drive
* Specification and certifications are based on options and may vary.
**Super Multi drive includes DVD-R, DVD-RW and DVD-RAM.
E202003330
VM-101 VESA ARM (clamp type)
E202003329
VM-105 VESA ARM (wall mount type)
E228170100
17" stand kit
Windows
® XP
Linux kernel 2.6


Similar Part No. - MPC170-831-FL

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
MPC175-851-FL AXIOMTEK-MPC175-851-FL Datasheet
635Kb / 2P
   Built-in 1.3 mega pixels camera
MPC175-873 AXIOMTEK-MPC175-873 Datasheet
755Kb / 2P
   Isolated COM, USB and Ethernet ports
MPC175-873-NP-DRW AXIOMTEK-MPC175-873-NP-DRW Datasheet
755Kb / 2P
   Touch screen on/off key for clean usage
MPC175-873 AXIOMTEK-MPC175-873_16 Datasheet
755Kb / 2P
   Touch screen on/off key for clean usage
MPC175-873 AXIOMTEK-MPC175-873_17 Datasheet
755Kb / 2P
   17 SXGA TFT Fanless Medical Grade Panel Computer with 3rd Gen Intel Core
More results

Similar Description - MPC170-831-FL

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
MPC225-851-FL AXIOMTEK-MPC225-851-FL Datasheet
370Kb / 2P
   Built-in Super Multi drive
logo
Shenzhen Huazhimei Semi...
HM9818 HMSEMI-HM9818 Datasheet
375Kb / 6P
   built-in MOS, drive chip
logo
Beckhoff Automation Gmb...
CP22XX-0020 BECKHOFF-CP22XX-0020 Datasheet
192Kb / 4P
   Multi-touch built-in Panel PC
CP22XX-0030 BECKHOFF-CP22XX-0030 Datasheet
192Kb / 4P
   Multi-touch built-in Panel PC
CP22XX-0010 BECKHOFF-CP22XX-0010 Datasheet
200Kb / 5P
   Multi-touch built-in Panel PC
logo
SeCoS Halbleitertechnol...
SMUN5211DW SECOS-SMUN5211DW Datasheet
352Kb / 8P
   NPN Multi-Chip Built-in Resistors Transistor
UMH9N SECOS-UMH9N Datasheet
433Kb / 2P
   NPN Multi-Chip Built-in Resistors Transistor
UMH15N SECOS-UMH15N Datasheet
305Kb / 2P
   NPN Multi-Chip Built-in Resistors Transistor
logo
Beckhoff Automation Gmb...
CP27XX BECKHOFF-CP27XX Datasheet
193Kb / 2P
   Fanless multi-touch built-in Panel PC
CP27XX-0010 BECKHOFF-CP27XX-0010 Datasheet
224Kb / 5P
   The fanless multi-touch built-in Panel PC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com