Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RG11A-U Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # RG11A-U
Description  75 Ohm Flexible RG11 Coax Cable Single Shielded with Black PVC Jacket
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

RG11A-U Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  RG11A-U Datasheet HTML 1Page - Pasternack Enterprises, Inc. RG11A-U Datasheet HTML 2Page - Pasternack Enterprises, Inc. RG11A-U Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/flexible-0.405-rg11-75-ohm-coax-cable-pvc-jacket-rg11a-u-p.aspx
75 Ohm Flexible RG11 Coax Cable Single Shielded with Black PVC Jacket from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
75 Ohm Flexible RG11 Coax Cable Single
Shielded with Black PVC Jacket
RG11A/U
RG11A/U REV


Similar Part No. - RG11A-U

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RG11AP110VAC ADAM-TECH-RG11AP110VAC Datasheet
179Kb / 2P
   RELAY GENERAL PURPOSE RELAY-TYPE RG1
RG11AP110VAC ADAM-TECH-RG11AP110VAC Datasheet
497Kb / 16P
   RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
RG11AP110VDC ADAM-TECH-RG11AP110VDC Datasheet
179Kb / 2P
   RELAY GENERAL PURPOSE RELAY-TYPE RG1
RG11AP110VDC ADAM-TECH-RG11AP110VDC Datasheet
497Kb / 16P
   RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
RG11AP12VAC ADAM-TECH-RG11AP12VAC Datasheet
179Kb / 2P
   RELAY GENERAL PURPOSE RELAY-TYPE RG1
More results

Similar Description - RG11A-U

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE-B150 PASTERNACK-PE-B150 Datasheet
1Mb / 3P
   75 Ohm Flexible PE-B150 Coax Cable Single Shielded with Black PVC Jacket
RG59B-U PASTERNACK-RG59B-U Datasheet
467Kb / 3P
   75 Ohm Flexible RG59 Coax Cable Single Shielded with Black PVC(NC) Jacket
RG6A-U PASTERNACK-RG6A-U Datasheet
279Kb / 3P
   75 Ohm Flexible RG6 Coax Cable Double Shielded with Black PVC (NC) Jacket
RG59-P PASTERNACK-RG59-P Datasheet
1Mb / 3P
   75 Ohm Flexible RG59 Plenum Rated Coax Cable Single Shielded with White PVC Jacket
RG6-CATV PASTERNACK-RG6-CATV Datasheet
1Mb / 3P
   75 Ohm Flexible RG6-CATV Coax Cable Triple Shielded with Black PVC(NC) Jacket
RG174A-U PASTERNACK-RG174A-U Datasheet
636Kb / 3P
   Flexible RG174 Coax Cable Single Shielded with Black PVC Jacket
RG213-U PASTERNACK-RG213-U Datasheet
363Kb / 3P
   Flexible RG213 Coax Cable Single Shielded with Black PVC Jacket
RG218-U PASTERNACK-RG218-U Datasheet
279Kb / 3P
   Flexible RG218 Coax Cable Single Shielded with Black PVC Jacket
RG302-U PASTERNACK-RG302-U Datasheet
1Mb / 3P
   75 Ohm Flexible RG302 Coax Cable Single Shielded with Tan FEP Jacket
RG179B-U PASTERNACK-RG179B-U Datasheet
273Kb / 3P
   75 Ohm Flexible RG179 Coax Cable Single Shielded with Tan FEP Jacket
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com