Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE-SR405FL Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part No. PE-SR405FL
Description  Formable 086 Semi-rigid Coax Cable with Tinned Copper Braid Outer Conductor
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo 

PE-SR405FL Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Formable 086 Semi-rigid Coax Cable with Tinned Copper Braid Outer Conductor
Formable semi-rigid coax is a hand formable version of standard semi-rigid that does not require complicated and costly
preformed cable assemblies. Because the dimensions and electrical characteristics are so closely matched to semi-rigid
coax, standard semi-rigid connectors can be used. The tin soaked copper braid outer shield provides excellent RF shield-
ing.
• Dimensionally the same as standard solid outer conductor semi-rigid coax
• Standard semi-rigid connectors can be used
• Cable is hand formable and does not require special tools to bend
• Connectors are easily soldered to Tin soaked outer conductor
• Cable can be formed more than once without damage to outer conductor
• High RF Shielding >100 dB
Configuration
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Shield Materials
Tinned Copper Braid
Electrical Specifications
Impedance, Ohms
50
Velocity of Propagation, %
69.5
Maximum Operating Frequency, GHz
40
Capacitance, pF/ft [pF/m]
29 [95.14]
Electrical Specifications by Frequency
Frequency 1
Frequency, MHz
1000
Attenuation, dB/100ft [dB/100m]
22.5 [73.82]
Frequency 2
Frequency, GHz
5
Attenuation, dB/100ft [dB/100m]
54.9 [180.12]
Frequency 3
Frequency, GHz
10
Attenuation, dB/100ft [dB/100m]
81.2 [266.4]
Frequency 4
Frequency, GHz
20
Attenuation, dB/100ft [dB/100m]
120 [393.7]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: Formable 086 Semi-rigid Coax Cable with Tinned Copper Braid Outer Conductor PE-SR405FL
PE-SR405FL
PE-SR405FL REV
Formable 086 Semi-rigid Coax Cable with
Tinned Copper Braid Outer Conductor


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn