Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDK-1107WR-40WVA1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IDK-1107WR-40WVA1E
Description  7" WVGA/WSVGA Industrial Display kit with Touch Solution
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IDK-1107WR-40WVA1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IDK-1107WR-40WVA1E Datasheet HTML 1Page - Advantech Co., Ltd. IDK-1107WR-40WVA1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Display Solutions
Industrial Display Solutions
Features
All product specifications are subject to change without notice
Last updated : 10-Jan-2013
RoHS
COMPLIANT
2002/95/EC
IDK-1107W
7" WVGA/WSVGA Industrial Display kit
with Touch Solution
ƒ 7" LCD supports 800 x 480 & 1024 x 600 pixels
and wide operating temperature (-20 ~ 70° C)
ƒ Brightness of 400 & 500 cd/m2 with LED backlight
ƒ 4-wire resistive touch solution
ƒ High contrast ratio of 1000:1 & 700:1
ƒ High uniformity of 85%
ƒ LVDS signal interface
ƒ Low power consumption 3.35 W & 3.57 W (panel only)
ƒ LED driver board built in
ƒ Touch controller included (USB)
ƒ AR surface treatment (optional)
ƒ Optical bonding (optional)
Introduction
The Advantech IDK-1107W series comes with a 7" industrial grade LCD display with 4-wire resistive touch. The series is also available with flexible options for LCD screens enhanced
treatment such as anti-reflection surface treatment and optical bonding solution. IDK-1107W series supports 4-wire resistive touch with low power consumption at the maximum of
3.35 W & 3.57 W. IDK-1107W series is ideal for embedded applications that give customers maximum flexibility for mechanical design.
Specifications
LCD Panel
Display Size
7" LED backlight panel (WVGA)
7" LED backlight panel (WSVGA)
Resolution
800 x 480
1024x600
Viewing Angle (U/D/L/R)
80° / 80° / 80° / 80°
70° / 75° / 75° / 75°
Brightness
400 cd/m2
500 cd/m2
Backlight Life (hrs)
50,000 hrs
50,000 hrs
Contrast Ratio
1000 : 1
700:1
Response Time (ms)
30 ms
25 ms
Colors
6 Bit (262K)/8 bit (16.2 M)
6 Bit (262K)/8 bit (16.2 M)
Voltage
3.3 V Power
3.3 V Power
Consumption
3.35 W
3.57 W
Signal Interface
1 channel LVDS
1 channel LVDS
Weight
305 g
190 g
Dimensions (W x H x D)
170 x 111 x 7.5 mm
165.5 x 104.44 x 8.97 mm
Touch Screen
Touch Screen
4-wire Resistive
4-wire Resistive
Transparency
82.5± 2.5%
82.5± 2.5%
Surface Hardness
3H
3H
Durability
1 million times
1 million times
Environment
Operating Temperature
-5 ~ 60° C
-20 ~ 70° C
Storage Temperature
-30 ~ 70° C
-30 ~ 80° C
Humidity
10 ~ 90% @ Max. 38° C, non-condensing
10 ~ 90% @ Max. 25° C, non-condensing
NEW


Similar Part No. - IDK-1107WR-40WVA1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDK-1107WR-40WVA1E ADVANTECH-IDK-1107WR-40WVA1E Datasheet
432Kb / 2P
   Development Board for SMARC v2.0 RISC Module
14-Jan-2020
IDK-1107WR-40WVA1E ADVANTECH-IDK-1107WR-40WVA1E Datasheet
651Kb / 2P
   Development Board for Qseven V2.1 ROM Modules
19-Oct-2020
IDK-1107WR-40WVA1E ADVANTECH-IDK-1107WR-40WVA1E Datasheet
465Kb / 2P
   Development Kit for Qseven 2.0 CPU Module ROM-7510
6-Jun-2019
IDK-1107WR-40WVA1E ADVANTECH-IDK-1107WR-40WVA1E Datasheet
710Kb / 2P
   Rockchip RK3399 Cortex-A72 2.5 SBC with UIO40-Express
22-Apr-2022
IDK-1107WR-40WVA1E ADVANTECH-IDK-1107WR-40WVA1E Datasheet
3Mb / 4P
   Rockchip ARM Cortex-A17 RK3288 3.5 SBC
7-Jul-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com