Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

EWM-W146H01E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part No. EWM-W146H01E
Description  802.11 b/g/n Mini PCIe Card
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADVANTECH [Advantech Co., Ltd.]
Homepage  http://www.advantech.com
Logo 

EWM-W146H01E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Embedded Wireless Modules
All product specifications are subject to change without notice
Last updated : 25-Apr-2012
EWM-W145H
802.11 b/g/n Mini PCIe Card
EWM-W146H
802.11a/ b/g/n Mini PCIe Card
Features
ƒ IEEE 802.11 b/g/n (2.4 GHz) standard
ƒ 1Tx / 1Rx , Up to 150 Mbps data rate
ƒ 7-year longevity
ƒ Operating temperature: 0 to +80° C
ƒ Support for Cisco Compatible Extensions (CCX) v4
Features
ƒ IEEE 802.11 a/b/g/n dual-band (2.4 and 5 GHz) standard
ƒ 3Tx / 3Rx MIMO, Up to 450 Mbps data rate
ƒ 7-year longevity
ƒ Operating temperature: 0 to +80° C
ƒ Support for Cisco Compatible Extensions (CCX) v4
ƒ Support Intel® AMT 7.0
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
Specifications
Main Chipset
Intel N 100
Tx/Rx
1Tx / 1Rx
Standard Conformance
802.11 b/g/n
Form Factor
Half-size Mini PCIe card
Interface
PCI Express mini-card rev. 1.2
Operation Voltage
DC 3.3V ±5%
Power Consumption
Tx 2SS, Minimum: 1900 mW
Security
WEP (64-bit, and 128-bit), WPA2 and AES-CCMP
O.S Supported
Windows XP/ Vista/ 7/Win7e
Temperature Ranges
Operation: 0 to +80° C
Dimensions (L x W x H)
26.80 x 30.00 x 3.10 mm
Ordering Information
Part No.
Product Description
EWM-W145H01E
802.11 b/g/n, Intel N 100, Half-size Mini PCIe Card
Suggestion Antenna and Cable
Part No.
Specifications
1750000318
WiFi 2.4 GHz 2dBi dipole Antenna
1750003222
WiFi 2.4 GHz 5dBi dipole Antenna
1750003418
WiFi 2.4 GHz 9dBi dipole Antenna
1750006043
WiFi Coaxial Cable, 150 mm
1750006010
WiFi Coaxial Cable, 200 mm
1750005885
WiFi Coaxial Cable, 230 mm
Specifications
Main Chipset
Intel N 6300
Tx/Rx
3Tx / 3Rx MIMO
Standard Conformance
802.11 a/b/g/n
Form Factor
Half-size Mini PCIe card
Interface
PCI Express mini-card rev. 1.2
Operation Voltage
DC 3.3V ±5%
Power Consumption
Tx 3SS, 5.2GHz, Minimum:2200 mW
Security
WEP (64-bit, and 128-bit), WPA2 and AES-CCMP
O.S Supported
Windows XP/ Vista/ 7/Win7e
Temperature Ranges
Operation: 0 to +80° C
Dimensions (L x W x H)
26.80 x 30.00 x 3.75 mm
Ordering Information
Part No.
Product Description
EWM-W146H01E
802.11 a/b/g/n, Intel N 6300, Half-size Mini PCIe Card
Suggestion Antenna and Cable
Part No.
Specifications
1750002842
WiFi Dual band-2.4 and 5G Antenna
1750006043
WiFi Coaxial Cable, 150 mm
1750006010
WiFi Coaxial Cable, 200 mm
1750005885
WiFi Coaxial Cable, 230 mm


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn