Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

GSM15-24 Datasheet(PDF) 2 Page - SL Power Electronics

Part No. GSM15-24
Description  15 Watt Global Performance Medical Switcher
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SLPOWER [SL Power Electronics]
Homepage  http://www.slpower.com/
Logo 

GSM15-24 Datasheet(HTML) 2 Page - SL Power Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SL Power Electronics Corp., 6050 King Drive, Bldg. A, Ventura, CA 93003, USA. Phone:(805) 486 4565 Fax:(805) 487 8911 www.slpower.com Rev. 1/07.
Data Sheet © 2007 SL Power Electronics Corp. The information and specifications contained in this data sheet are believed to be correct at time of publication.
However, Condor accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
ENVIRONMENTAL SPECIFICATIONS OPERATING
NON-OPERATING
Temperature (A)
0 to 50° C
-40 to +85°C
Humidity (A)
0 to 95% RH
0 to 95% RH
Shock (B)
20 g
pk
40 g
pk
Altitude
-500 to 10,000 ft
-500 to 40,000 ft
Vibration (C)
1.5 g
rms’ 0.003 g
2
/Hz
5 g
rms’ 0.026 g
2
/Hz
GSM15 MECHANICAL SPECIFICATIONS
A. Units should be allowed to warm up/operate under non-condensing
conditions before application of power.
B. Shock testing—half-sinusoidal, 10 ± 3 ms duration, ± direction, 3
orthogonal axes, total 6 shocks.
C. Random vibration—10 to 2000Hz, 6dB/octave roll-off from 350 to
2000Hz, 3 orthogonal axes. Tested for 10 min./axis operating and 1
hr./axis non-operating.
Medical
Model
Voltage
Output
Min.
Normal (A)
Peak (B)
Initial Set
Point
OVP Setpoint
Total
Regulation
Ripple and
Noise
GSM15-5
5.1 V
0 A
2.35 A
3 A
2.5%
7.2 V
2%
1%
GSM15-12
12 V
0 A
1.25 A
1.5 A
2.5%
16 V
2%
1%
GSM15-15
15 V
0 A
1.0 A
1.2 A
2.5%
21 V
2%
1%
GSM15-24
24 V
0 A
0.625 A
0.75 A
2.5%
32 V
2%
1%
GSM15-28
28 V
0 A
0.54 A
0.64 A
2.5%
280 V
2%
1%
Notes:
A. Rating with unrestricted convection cooling.
B. Peak Power for 60 sec. 10% duty cycle or continuous rating with 150 LFM of airflow.
C. Output voltages preset at factory, not user adjustable.
D. Add “G” suffix to model nuber for RoHS compliant model.
INPUT: J1 AMP P/N 640456-4
PIN 1) AC LINE
PIN 2) N/C
PIN 3) N/C
PIN 4) AC NEUTRAL
GND: 0.098 DIA. THRU HOLE
OUTPUT: J2 AMP P/N 640456-4
PIN 1) COMMON Return
PIN 2) COMMON Return
PIN 3) OUTPUT #1 + Vout
PIN 4) OUTPUT#1 +Vout
MATING CONNECTOR AMP P/N
MTA – 100 Recepticle
NOTE: 3A MAXIMUM RECOMMENDED
CURRENT PER CONNECTOR PIN
Overall Dimensions:
3.00 x 2.10 x .92 inches
76.20mm x 53.34mm x 23.37mm
Weight: 0.25 LBS. [.113 kg]
MAX.


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn