Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AIMB-567VG-00A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part No. AIMB-567VG-00A1E
Description  Intel® Core™2 Quad LGA 775 MicroATX with Dual VGA/DVI, 4 COM, dual LAN
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ADVANTECH [Advantech Co., Ltd.]
Homepage  http://www.advantech.com
Logo 

AIMB-567VG-00A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
Packing List
Description
Quantity
IDE HDD cable
1
Serial ATA HDD data cable
2
Serial ATA HDD power cable
2
COM port cable kit
2
I/O port bracket
1
Startup manual
1
Utility CD
1
Optional Accessories
Part Number
Description
1750000334
LGA775 CPU cooler (115 W)
1960022033T000
LGA775 CPU cooler for 2U chassis
1700008461
USB cable with four ports, 30.5 cm
1700002204
USB cable with dual ports, 27 cm
1700003195
USB cable with dual ports, 17.5 cm
1700008809
Printer port cable
1700018699
KBMS cable 1*6P-2.5/DIN-6P(F)*2, 25 cm
1960048353T000
1U I/O port bracket
Embedded OS/API
OS/API
Part No.
Description
Win XPE
2070010378
XPE WES 2009 AIMB-567 V4.0 JPN
2070011072
XPE WES09 AIMB-567 V4.0 ENG_CHT ATIP
Software API
SUSI V3.0
AIMB-567G2-00A1E
AIMB-567
Ordering Information
Part Number
Chipset
Display GbE
SW
RAID
PCIe
x4
PCIe
x1
AIMB-567G2-00A1E
G41/ICH7R
CRT/DVI
2
Yes
1
-
AIMB-567VG-00A1E
G41/ICH7
CRT
1
No
-
1
*We strongly suggest using only Advantech’s certified LGA775 CPU coolers to ensure
board reliability under harsh conditions.
Riser Card
Part Number
Description
AIMB-RP3PF-21A1E
2U riser card with 1 PCIe x16 & 2 PCI slot expansion
AIMB-RP30P-03A1E
2U riser card for 3 PCI expansion
AIMB-RP10P-01A1E
1U riser card for 1 PCI expansion
I/O View
Intel G41
GMCH
CRT
DVI-D
Intel Core 2 Quad/Core 2 Duo/
Pentium DC LGA775 processor
ICH7/7R
SDVO
GbE-LAN1: Intel 82583V
PCIe x 1 (ICH7)
PCIe x 4 (ICH7R)
Edge Connector
1 ATA 100 Ports
4 SATA2 Ports
8 USB Ports
Audio Codec
Realtek ALC892
300MB/s
ATA 33/66/100
USB 2.0/1.1
Intel HD Audio
Channel A
Channel B
DDR3 800/1066
DDR3 800/1066
PCIe x 1
GbE-LAN2: Intel 82583V
PCIe x 1
1 x PCIe x 1(ICH7)
4 x PCIe x 1(ICH7R)
PCI1~2
Edge Connector
Fintek
81216AD
Super IO
Winbond
W83627DHG-P
2 RS-232,WDT, LPT, PS/2
1 RS232, 1 RS-232/422/485
BIOS
LPC Bus
SPI
AIMB-567VG-00A1E


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn