Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIMB-564 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AIMB-564
Description  Intel짰 Core?? Quad/Core?? Duo LGA775 MicroATX with CRT, PCIe, SW RAID, and LAN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-564 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AIMB-564_12 Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-564_12 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Motherboards
Features
AIMB-564
Intel® Core™2 Quad/Core™2 Duo LGA775
MicroATX with CRT, PCIe, SW RAID, and LAN
ƒ Intel® Q965 chipset 533/800/1066 MHz FSB
ƒ Supports Intel® Core™ 2 Quad/Core™ 2 Duo processor
ƒ Dual channel DDR2 533/667/800 MHz SDRAM up to 8 GB
ƒ Chipset integrated VGA sharing 256 MB system memory
ƒ Supports SATA RAID 0, 1, 5, and 10
ƒ Supports single 10/100/1000 Mbps Ethernet via dedicated PCIe x1 bus
ƒ Supports SUSIAccess and Embedded Software APIs
Specifications
Processor System
CPU (65nm/ 90nm)
Intel Core 2 Quad
Intel Core 2 Duo
Intel Pentium
Dual-Core
Intel Pentium 4
Intel Celeron D
Max. Speed
Q6700 2.66 GHz
E7400 2.8 GHz
E2200 2.2 GHz
672 3.8 GHz
352 3.2 GHz
L2 Cache
8 MB
3 MB
1 MB
2 MB/1 MB
512 KB
Chipset
Intel Q965+ICH8 DO
BIOS
AMI 16 Mbit, SPI
Front Side Bus
533/800/1066 MHz
Expansion Slot
PCIe x16
4.0 GB/s per direction, 1 slot
PCIe x4
1.0 GB/s per direction, 1 slot
PCI
32-bit/33 MHz, 2 slots
Memory
Technology
Dual channel DDR2 533/667/800 MHz SDRAM
Max. Capacity
8 GB
Socket
4 x 240-pin DIMM (Non-ECC)
Graphics
Embedded
Intel GMA 3000 sharing 256 MB system memory
Add-on
PCIe x 16 slot
Ethernet
Interface
10/100/1000 Mbps
Controller
GbE LAN: Intel 82566DM
Connector
RJ-45 x 1
SATA II
Max. Data Transfer Rate
300 MB/s
Channel
7
EIDE
Mode
ATA 100/66/33
Channel
1 (max. 2 devices)
I/O Interface
CRT
1
USB
10
Audio
8-CH HD Audio (Mic-in, Line-in, Line-out, CD-in, 6 jacks)
Serial
1 (RS-232)
Parallel
1 (SPP/EPP/ECP)
FDD
1
PS/2
2 (1 x keyboard and 1 x mouse)
eSATA
1
IEEE 1394
2 (1 on rear panel, 1 on internal connector)
Watchdog Timer
Output
System reset
Interval
Programmable 1~255 sec/min
Power Requirements
Power On
Pentium 4 3.4 GHz, 1 GB SDRAM, 80 GB HDD
+12 V
+5 V
+3.3 V
5 Vsb
3.07A
10.37A
2.83A
0.46A
Environment
Operating
Non-Operating
Temperature
0 ~ 60° C (32 ~ 131° F), depends on CPU speed and
cooler solution
-20 ~ 70° C (-4 ~ 158° F)
Physical Characteristics
Dimensions (W x D)
244 x 244 mm (9.6" x 9.6")
Utilities:
Software APIs:
H/W Monitor
SMBus
BIOS flash Monitoring
All product specifications are subject to change without notice
Last updated : 13-Jun-2012


Similar Part No. - AIMB-564_12

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-564 ADVANTECH-AIMB-564_14 Datasheet
577Kb / 2P
   Intel짰 Core?? Quad/Core?? Duo LGA775 MicroATX with CRT, PCIe, SW RAID, and LAN
More results

Similar Description - AIMB-564_12

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-564 ADVANTECH-AIMB-564_14 Datasheet
577Kb / 2P
   Intel짰 Core?? Quad/Core?? Duo LGA775 MicroATX with CRT, PCIe, SW RAID, and LAN
AIMB-564 ADVANTECH-AIMB-564 Datasheet
282Kb / 2P
   Intel짰 LGA775 Core??2 Quad/Core??2 Duo/MicroATX with VGA, PCIe, SW RAID, and LAN
28-April-2009
AIMB-566 ADVANTECH-AIMB-566_12 Datasheet
1Mb / 2P
   Intel짰 Core?? Quad/Core?? Duo LGA775 MicroATX with CRT/DVI, 2 COM, and LAN
SIMB-U01-6VG00A1E ADVANTECH-SIMB-U01-6VG00A1E Datasheet
576Kb / 2P
   Intel짰 Core?? Quad LGA775, Core?? Duo MicroATX with VGA, 2 COM, and LAN
SIMB-U01 ADVANTECH-SIMB-U01 Datasheet
831Kb / 2P
   Intel짰 LGA775 Core?? Quad, Core?? Duo MicroATX with VGA, 2 COM and LAN
AIMB-566 ADVANTECH-AIMB-566 Datasheet
312Kb / 2P
   Intel짰 LGA775 Core??2 Quad/Core??2 Duo MicroATX with VGA/DVI, 2 COM, and LAN
24-Mar-2009
AIMB-262VG-00A1E ADVANTECH-AIMB-262VG-00A1E Datasheet
1Mb / 2P
   Intel짰 LGA775 Core?? Duo LGA775 Mini-ITX with CRT, 4 COM, and LAN
AIMB-262 ADVANTECH-AIMB-262_12 Datasheet
1Mb / 2P
   Intel짰 LGA775 Core?? Duo LGA775 Mini-ITX with CRT, 4 COM, and LAN
AIMB-763 ADVANTECH-AIMB-763_11 Datasheet
1Mb / 2P
   LGA775 Intel짰 Core?? Duo/Pentium짰 4 ATX with VGA, 4 COM, SW RAID, and Dual LAN
PCA-6010 ADVANTECH-PCA-6010_11 Datasheet
1Mb / 2P
   LGA775 Intel짰 Core?? Duo SBC LGA775 Intel짰 Core?? Duo SBC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com