Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

GPFC250 Datasheet(PDF) 2 Page - SL Power Electronics

Part No. GPFC250
Description  250 Watt Global Performance Switchers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SLPOWER [SL Power Electronics]
Homepage  http://www.slpower.com/
Logo 

GPFC250 Datasheet(HTML) 2 Page - SL Power Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SL Power Electronics Corp., 6050 King Drive, Bldg. A, Ventura, CA, 93003, USA. Phone:(805) 486 4565 Fax:(805) 487 8911 Email: info@slpower.com Rev. 4/9/07.
Data Sheet © 2006 SL Power Electronics Inc. The information and specifications contained in this data sheet are believed to be correct at time of publication.
However, SL Power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
ENVIRONMENTAL SPECIFICATIONS OPERATING
NON-OPERATING
Temperature (A)
0 to 50°
-40 to +85°C
Humidity (A)
0 to 95% RH
0 to 95% RH
Shock (B)
20 g
pk
40 g
pk
Altitude
-500 to 10,000 ft
-500 to 40,000 ft
Vibration (C)
1.5 g
rms’ 0.003 g
2
/Hz
5 g
rms’ 0.026 g
2
/Hz
GPFC250/GPFM250 MECHANICAL SPECIFICATIONS
A. Units should be allowed to warm up/operate under non-condensing
conditions before application of power. Derate output current and total
output power by 2.5% per °C above 50°C.
B. Shock testing—half-sinusoidal, 10 ± 3 ms duration, ± direction, 3
orthogonal axes, total 6 shocks.
C. Random vibration—10 to 2000Hz, 6dB/octave roll-off from 350 to
2000Hz, 3 orthogonal axes. Tested for 10 min./axis operating and 1
hr./axis non-operating.
INPUT:
TB1
6-32,3PINTERMINALBLOCK0.375”
PIN1)ACLINE
PIN2)ACNEUTRAL
PIN3)ACGROUND
SIGNALS:J2
AMPP.C.B.HEADERP/N640456-5
MATINGCONNECTORP/N640440-5
PIN1)DCGOOD
PIN2)POWERFAIL
PIN3)EXTOFF
PIN4)+SENSE
PIN5)-SENSE
FAN
AMPP.C.B.HEADERP/N640456-2
MATINGCONNECTORP/N640440-2
PIN1)-
PIN2)+
OUTPUT:
TB2
6-32,4PINTERMINALBLOCK0.375
[9.53mm]CTR
ANOPTIONALBUSBARWITH10-32
SCREWSONHIGH-CURRENTMODELS
ISAVAILABLEBYADDING-BTO
MODELNUMBER
PINS1-2)+Vout
PINS3-4)RETURN
16AMAXIMUMRECOMMENDED
CURRENTPERCONNECTORPIN.
MAX.SCREWPROTRUSIONABOVE
CHASSIS=0.120”[3.05MM].
OPTIONAL:COVER/FANASSEMBLY#09-250CF
CANBEINCLUDEDBYADDING-CTO
MODELNUMBER
WEIGHT:2.9LBS.[1.32kg]MAX.
TOLERANCES:
X.XX=0.030[0.76mm]
X.XXX+0.010[0.25mm]
Commercial
Model
Medical
Model
RoHS
Suffix*
Output No.
Output
Voltage
Adjustment
Output
Maximum (A)
Output
Maximum (B)
OVP Setpoint
Total
Regulation
Notes
GPFC250-3.3
GPFM250-3.3
G
1
3.3 V
±5%
36 A
50 A
6.2 ± 0.6 V
2%
C
GPFC250-5
GPFM250-5
G
1
5.1 V
±5%
36 A
50 A
6.2 ± 0.6 V
2%
C
GPFC250-12
GPFM250-12
G
1
12 V
±5%
15 A
21 A
14 ± 1.1 V
2%
C
GPFC250-15
GPFM250-15
G
1
15 V
±5%
12 A
16.7 A
18.5 ± 1.5 V
2%
C
GPFC250-24
GPFM250-24
G
1
24 V
±5%
7.5 A
10.5 A
28 ± 2.5 V
2%
C
GPFC250-28
GPFM250-28
G
1
28 V
±5%
6.5 A
9 A
34 ± 2.8 V
2%
C
GPFC250-48
GPFM250-48
G
1
48 V
±5%
3.8 A
5.3 A
55 ± 4.0 V
2%
C
* Add “G” suffix to part number for RoHS compliant model.
A. Continuous output rating with unrestricted convection cooling.
B. Continuous output rating with 26cfm airflow or “-C” option. Also one minute peak rating for convection cooled.
C. Add “-C” suffix for factory installed cover with fan option.


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn