Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1S2076A Datasheet(PDF) 1 Page - Kwang Myoung I.S. CO.,LTD

Part # 1S2076A
Description  SMALL SIGNAL SWITCHING DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
Direct Link  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD

1S2076A Datasheet(HTML) 1 Page - Kwang Myoung I.S. CO.,LTD

  1S2076A Datasheet HTML 1Page - Kwang Myoung I.S. CO.,LTD 1S2076A Datasheet HTML 2Page - Kwang Myoung I.S. CO.,LTD 1S2076A Datasheet HTML 3Page - Kwang Myoung I.S. CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Silicon epitaxial planar diode
High speed switching diode
500 mW power dissipation
Weight: 0.004 ounces, 0.13 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
MAXIMUM RATINGS
UNITS
Reverse voltage
VR
V
Peak reverse voltage
VRM
V
Average forw ard rectified current
half w ave rectification w ith resist.load
    @TA=25
and f
50Hz
Forw ard surge current @ t<1s and T
J=25
IFSM
A
Pow er dissipation
@ T
A=25
Ptot
mW
Junction temperature
TJ
Storage temperature range
TSTG
ELECTRICAL CHARACTERISTICS
UNITS
Forw ard voltage at I
F=10mA
VF
V
Leakage current
@ V
R=30V
IR
μA
Capacitance
@ VF=VR=1V,f=1MHz
CJ
pF
Reverse recovery time
from IF=IR=10mA to Irr=1mA
1S2076A
0.1
ns
1S2076A
MECHANICAL DATA
SMALL SIGNAL SWITCHING DIODE
Case: DO-35, glass case
REVERSE VOLTAGE : 60 V
CURRENT:
0.15 A
Polarity: Color band denotes cathode
IAV
1.0
25
01)
mA
-
-
0.8
-
60
70
150
175
-55 --- +175
1)Valid prov ided that leads at a distance of 8 mm f rom case are kept at ambient temperature.
MIN
TYP
MAX
-
3.0
8.0
SEMICONDUCTOR
t
rr
-
-
-
-
KI
KI SEMICONDUCTOR
Document Number 0268032
1.
DO-35(GLASS)


Similar Part No. - 1S2076A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
1S2076A HITACHI-1S2076A Datasheet
27Kb / 6P
   Silicon Epitaxial Planar Diode for Various Detector, Modulator, Demodulator
logo
Renesas Technology Corp
1S2076A RENESAS-1S2076A Datasheet
143Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
SynSemi, Inc.
1S2076A SYNSEMI-1S2076A Datasheet
29Kb / 2P
   HIGH SPEED SWITCHING DIODE
logo
Shenzhen Luguang Electr...
1S2076A LUGUANG-1S2076A Datasheet
551Kb / 3P
   High reliability with glass seal.
logo
EIC discrete Semiconduc...
1S2076A EIC-1S2076A Datasheet
95Kb / 2P
   HIGH SPEED SWITCHING DIODE
More results

Similar Description - 1S2076A

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
   Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
   Small-Signal Switching Diode
logo
Vishay Siliconix
MMBD6050 VISHAY-MMBD6050 Datasheet
94Kb / 5P
   Small Signal Switching Diode
Rev. 1.6, 15-May-13
MMBD914 VISHAY-MMBD914 Datasheet
75Kb / 3P
   Small Signal Switching Diode
Rev. 1.5, 15-May-13
logo
Yangzhou yangjie electr...
1N914BW YANGJIE-1N914BW Datasheet
213Kb / 3P
   Small Signal Switching Diode
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
   SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
BA604 VISHAY-BA604_12 Datasheet
53Kb / 3P
   Small Signal Switching Diode
Rev. 1.8, 01-Sep-10
MMBD914-V VISHAY-MMBD914-V_12 Datasheet
70Kb / 3P
   Small Signal Switching Diode
Rev. 1.4, 05-Aug-10
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
1N914THRU1N4454 CHENYI-1N914THRU1N4454 Datasheet
47Kb / 1P
   SMALL SIGNAL SWITCHING DIODE
LL4151 CHENYI-LL4151 Datasheet
170Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com