Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDK170-830 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # FDK170-830
Description  Front panel open frame design
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

FDK170-830 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  FDK170-830 Datasheet HTML 1Page - Axiomtek Co., Ltd. FDK170-830 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
* All specifications and photos are subject to change without notice.
553
1. Power switch (ATX)
2. Power input connector
3. USB 2.0 x 2
4. COM 4 (RS-232)
5. COM 3 (RS-232)
6. COM 1 (RS-232/422/485)
7. COM 2 (RS-232)
8. VGA
9. Ethernet
10. USB 2.0 x 2
11. Audio (Line-out)
Brightness
adjustment (VR)
CompactFlash™ slot
FDK170-830
17" SXGA TFT Open Frame Panel Computer
Front panel open frame design
Outstanding configuration flexibility delivering best ROI
17" SXGA TFT LCD display
Intel
® Atom™ processor N270 1.6 GHz
Touchscreen optional
Changeable front bezel
Supports VESA arm and open frame mount
Introduction
Specifications
The FDK170-830 is an open frame display panel computer with outstanding flexibility,
configurable in a variety of ways to deliver best ROI for a variety of applications. It
features Intel
® Atom™ processor N270 1.6 GHz with a 17" LCD display with up to 1280x
1024 resolution, providing a very cost effective low power solution.
Ultra slim design
Designed to integrate into your custom enclosure, this unit offers an open frame slim
design architecture for easy fit. The FDK170-830 is ideal for indoor kiosk, HMI automation,
signage and other applications. The system is only 65mm deep and provides narrow bezel
widths of 13 ~ 15mm for space-saving custom bezels and enclosure applications.
Touchscreen option
A resistive touchscreen option is available for interactive user interface requirements.
Optionally, when ordered without touchscreen you get an even lower cost solution for
dynamic signage or informational applications.
Brightness adjustment & PCIe Mini Card slot
The hidden but accessible brightness adjustment on back cover protects against end
user access. One PCIe Mini Card slot is standard for I/O expansion such as WiFi, 3G
connection, or other 3rd party I/O cards.
LCD Panel
Display Type
17" SXGA TFT LCD
Brightness (cd/m
2)
250 nits
Resolution
1280 x 1024
Viewing Angle (H/V) 160°/130°
Main System
CPU
Intel
® Atom™ processor N270 1.6
GHz with FSB 533 MHz
Chipset
Intel
® 945GSE + ICH7M
System Memory
1 x 200-pin DDR2 SO-DIMM max.
up to 2 GB
BIOS
AMI 8 Mbit with RPL/PXE LAN
boot ROM
Storage
1 x 2.5" SATA HDD
1 x CompactFlash™
Watchdog Timer
255 levels, 0~255 sec.
Onboard Graphics
Integrated in Intel 945GSE
Features
1
2
3
5
6
7
8
9 10
11
4
Rear view


Similar Part No. - FDK170-830

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
FDK172-834 AXIOMTEK-FDK172-834 Datasheet
473Kb / 2P
   Front panel open frame design
FDK172-834-N-DC AXIOMTEK-FDK172-834-N-DC Datasheet
473Kb / 2P
   Front panel open frame design
FDK172-834-R-DC AXIOMTEK-FDK172-834-R-DC Datasheet
473Kb / 2P
   Front panel open frame design
FDK172-834 AXIOMTEK-FDK172-834_17 Datasheet
426Kb / 2P
   17 SXGA TFT Open Frame Panel Computer with Intel Celeron Processor J1900
More results

Similar Description - FDK170-830

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
FDK191-832 AXIOMTEK-FDK191-832 Datasheet
409Kb / 2P
   Front panel open frame design
FDK172-834 AXIOMTEK-FDK172-834 Datasheet
473Kb / 2P
   Front panel open frame design
FDK190-830 AXIOMTEK-FDK190-830 Datasheet
363Kb / 2P
   Front panel open frame design
FDK150-830 AXIOMTEK-FDK150-830 Datasheet
380Kb / 2P
   Front panel open frame design
logo
BOSER Technology Co., L...
BPC-5017-J BOSER-BPC-5017-J Datasheet
281Kb / 1P
   Aluminum front panel design
logo
Advantech Co., Ltd.
ES-2108 ADVANTECH-ES-2108 Datasheet
331Kb / 2P
   8.4 Open Frame and Rugged Panel Mount Monitor
ES-2119 ADVANTECH-ES-2119 Datasheet
318Kb / 2P
   19 Open Frame and Rugged Panel Mount Monitor
ES-2212 ADVANTECH-ES-2212 Datasheet
350Kb / 2P
   12.1 Open Frame and Rugged Panel Mount Monitor
ES-2217 ADVANTECH-ES-2217 Datasheet
83Kb / 2P
   17" Open Frame and Rugged Panel Mount Monitor
ES-2110 ADVANTECH-ES-2110 Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com