Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06031A390GAQ2A Datasheet(PDF) 1 Page - AVX Corporation

Part # 06031A390GAQ2A
Description  C0G (NP0) Dielectric
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

06031A390GAQ2A Datasheet(HTML) 1 Page - AVX Corporation

  06031A390GAQ2A Datasheet HTML 1Page - AVX Corporation 06031A390GAQ2A Datasheet HTML 2Page - AVX Corporation 06031A390GAQ2A Datasheet HTML 3Page - AVX Corporation 06031A390GAQ2A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4
Typical Capacitance Change
Envelope: 0
± 30 ppm/°C
+0.5
0
-0.5
-55 -35 -15
+5 +25 +45 +65 +85 +105 +125
Temperature
°C
Temperature Coefficient
1,000
10,000
100
0
0
20
40
60
80
Temperature
°C
Insulation Resistance vs Temperature
100
10
100
1000
Frequency, MHz
Variation of Impedance with Chip Size
Impedance vs. Frequency
1000 pF - C0G (NP0)
1.0
0.1
10
1206
0805
1812
1210
10
100
1000
Frequency, MHz
Variation of Impedance with Ceramic Formulation
Impedance vs. Frequency
1000 pF - C0G (NP0) vs X7R
0805
0.10
0.01
1.00
X7R
NPO
10.00
+1
+2
0
-1
-2
1KHz
10 KHz
100 KHz
1 MHz
10 MHz
Frequency
Capacitance vs. Frequency
1,000
10,000
100
1
10
100
1000
Frequency, MHz
Variation of Impedance with Cap Value
Impedance vs. Frequency
0805 - C0G (NP0)
10 pF vs. 100 pF vs. 1000 pF
10 pF
100 pF
1000 pF
1.0
0.1
10.0
100,000
C0G (NP0) Dielectric
General Specifications
C0G (NP0) is the most popular formulation of the
“temperature-compensating,” EIA Class I ceramic
materials. Moder n C0G (NP0) formulations contain
neodymium, samarium and other rare earth oxides.
C0G (NP0) ceramics offer one of the most stable capacitor
dielectrics available. Capacitance change with temperature
is 0 ±30ppm/°C which is less than ±0.3%
C from -55°C
to +125°C. Capacitance drift or hysteresis for C0G (NP0)
ceramics is negligible at less than ±0.05% versus up to
±2% for films. Typical capacitance change with life is less
than ±0.1% for C0G (NP0), one-fifth that shown by most
other dielectrics. C0G (NP0) formulations show no aging
characteristics.
0805
Size
(L" x W")
5
Voltage
6.3V = 6
10V = Z
16V = Y
25V = 3
50V = 5
100V = 1
200V = 2
500V = 7
A
Dielectric
C0G (NP0) = A
101
Capacitance
Code (In pF)
2 Sig. Digits +
Number of
Zeros
J
Capacitance
Tolerance
B = ±.10 pF (<10pF)
C = ±.25 pF (<10pF)
D = ±.50 pF (<10pF)
F = ±1% (≥ 10 pF)
G = ±2% (≥ 10 pF)
J = ±5%
K = ±10%
A
Failure
Rate
A = Not
Applicable
T
Terminations
T = Plated Ni
and Sn
7 = Gold Plated
2
Packaging
2 = 7" Reel
4 = 13" Reel
7 = Bulk Cass.
9 = Bulk
Contact
Factory
For
Multiples
A
Special
Code
A = Std.
Product
PART NUMBER (see page 2 for complete part number explanation)
Contact
Factory For
1 = Pd/Ag Term
NOTE: Contact factory for availability of Termination and Tolerance Options for Specific Part Numbers.
Contact factory for non-specified capacitance values.


Similar Part No. - 06031A390GAQ2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06031A390GAT2A AVX-06031A390GAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
06031A390GAT4A AVX-06031A390GAT4A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
More results

Similar Description - 06031A390GAQ2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04025A2R4CAT2A AVX-04025A2R4CAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A2R7JAT2A AVX-04025A2R7JAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A3R9BAT2A AVX-04025A3R9BAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A4R7JAT2A AVX-04025A4R7JAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04025A4R7KAT2A AVX-04025A4R7KAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
06031A3R9D4T2A AVX-06031A3R9D4T2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
06031A4R3BAT2A AVX-06031A4R3BAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
06031A4R3CAT2A AVX-06031A4R3CAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04023A2R2CAT2A AVX-04023A2R2CAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04023A2R7BAT2A AVX-04023A2R7BAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
04023A3R3DAT2A AVX-04023A3R3DAT2A Datasheet
107Kb / 4P
   C0G (NP0) Dielectric
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com