Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1368A Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C1368A
Description  Computer Cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C1368A Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C1368A Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: C1368A
Date:
4/25/2008
Revision Level:
2
4P 20 7/0.0121 TC PP ISP PVC
Computer Cable
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
Pairing
#20 AWG 7/0.0121 Tinned Copper
0.015” Wall Polypropylene
0.032” Wall Polyvinyl Chloride – Gray
0.036” nom.
CAROL (R) 20 AWG -- C1368A -- 75C E60233-8 (UL)CL2 --C(UL) CM -- MADE IN USA (DATE
CODE)
4P @ 6.00” LHL. with mylar wrap
0.300” nom.
0.066” nom.
0.364" +/- 0.018"
2 conductors @ 2.00” LHL
#24 AWG 7/32 TC DW & AL / PE tape.
0.137” nom.
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
MUTUAL CAPACITANCE:
CHARACTERISTIC IMPEDANCE:
SHIELD RESISTANCE:
GROUND CAPACITANCE:
75C
300V
9.33 Ohms/1000 ft nom
22.4 pF/ft @ 1kHz nom
68 Ohms @ 1MHz nom
7.2 Ohms/1000 ft nom
40.3p pF/ft @ 1kHz nom
National Electrical Code
Article 800
UL Standard 444
Type CM
National Electrical Code
Article 725
UL Standard 13
Type CL2
1
2
3
4
Red-White/Red
Black-White/Black
Green-White/Green
White-White/Yellow
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C1368A

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C13687 LEDIL-C13687 Datasheet
728Kb / 13P
   Strada Lens
More results

Similar Description - C1368A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0943A GENERAL-C0943A Datasheet
74Kb / 1P
   COMPUTER CABLE
C0955A GENERAL-C0955A Datasheet
74Kb / 1P
   COMPUTER CABLE
C0961A GENERAL-C0961A Datasheet
75Kb / 1P
   COMPUTER CABLE
C0971A GENERAL-C0971A Datasheet
73Kb / 1P
   COMPUTER CABLE
C0975A GENERAL-C0975A Datasheet
74Kb / 1P
   COMPUTER CABLE
C0601A GENERAL-C0601A Datasheet
81Kb / 1P
   COMPUTER CABLE
C0604A GENERAL-C0604A Datasheet
81Kb / 1P
   COMPUTER CABLE
C0620A GENERAL-C0620A Datasheet
81Kb / 1P
   COMPUTER CABLE
C0724A GENERAL-C0724A Datasheet
81Kb / 1P
   COMPUTER CABLE
C0726A GENERAL-C0726A Datasheet
81Kb / 1P
   COMPUTER CABLE
C0741A GENERAL-C0741A Datasheet
73Kb / 1P
   COMPUTER CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com