Electronic Components Datasheet Search |
|
0508YC223MAT2W Datasheet(PDF) 3 Page - AVX Corporation |
|
0508YC223MAT2W Datasheet(HTML) 3 Page - AVX Corporation |
3 / 4 page 61 GENERAL DESCRIPTION The key physical characteristic determining equivalent series inductance (ESL) of a capacitor is the size of the current loop it creates. The smaller the current loop, the lower the ESL. A standard surface mount MLCC is rectangular in shape with electrical terminations on its shorter sides. A Low Inductance Chip Capacitor (LICC) sometimes referred to as Reverse Geometry Capacitor (RGC) has its terminations on the longer sides of its rectangular shape. The image on the right shows the termination differences between an MLCC and an LICC. When the distance between terminations is reduced, the size of the current loop is reduced. Since the size of the current loop is the primary driver of inductance, an 0306 with a smaller current loop has significantly lower ESL then an 0603. The reduction in ESL varies by EIA size, however, ESL is typically reduced 60% or more with an LICC versus a standard MLCC. AVX LICC products are available with a lead-free finish of plated Nickel/Tin. Low Inductance Capacitors (RoHS) 0612/0508/0306/0204 LICC (Low Inductance Chip Capacitors) HOW TO ORDER MLCC LICC 0.001 0.01 0.1 1 10 1 10 100 1000 Frequency (MHz) LICC_0612 MLCC_1206 0.001 0.01 0.1 1 10 1 10 100 1000 Frequency (MHz) LICC_0508 MLCC_0805 0612 Size 0204 0306 0508 0612 Z Voltage 4 = 4V 6 = 6.3V Z = 10V Y = 16V 3 = 25V 5 = 50V D Dielectric C = X7R D = X5R W = X6S Z = X7S 105 Capacitance Code (In pF) 2 Sig. Digits + Number of Zeros M Capacitance Tolerance K = ±10% M = ±20% A Failure Rate A = N/A T Terminations T = Plated Ni and Sn 2 Packaging Available 2 = 7" Reel 4 = 13" Reel A* Thickness Thickness mm (in) 0.35 (0.014) 0.56 (0.022) 0.61 (0.024) 0.76 (0.030) 1.02 (0.040) 1.27 (0.050) TYPICAL IMPEDANCE CHARACTERISTICS PERFORMANCE CHARACTERISTICS Capacitance Tolerances K = ±10%; M = ±20% Operation X7R = -55°C to +125°C Temperature Range X5R = -55°C to +85°C X7S = -55°C to +125°C Temperature Coefficient X7R, X5R = ±15%; X7S = ±22% Voltage Ratings 4, 6.3, 10, 16, 25 VDC Dissipation Factor 4V, 6.3V = 6.5% max; 10V = 5.0% max; 16V = 3.5% max; 25V = 3.0% max Insulation Resistance 100,000MΩ min, or 1,000MΩ per (@+25°C, RVDC) μF min.,whichever is less NOTE: Contact factory for availability of Termination and Tolerance Options for Specific Part Numbers. |
Similar Part No. - 0508YC223MAT2W |
|
Similar Description - 0508YC223MAT2W |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |