Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9371 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9371
Description  75 Ohm N Female to BNC Female Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9371 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9371 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9371 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm N Female to BNC Female Adapter
Configuration
Connector 1
N Female
Impedance 1
75 Ohms
Connector 2
BNC Female
Impedance 2
75 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.5 [38.1]
Width/Dia., in [mm]
0.67 [17.02]
.
Connector 1
Type
N Female
Inner Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
BNC Female
Inner Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-female-bnc-female-straight-adapter-pe9371-p.aspx
75 Ohm N Female to BNC Female Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
75 Ohm N Female to BNC Female Adapter
PE9371
PE9371 REV


Similar Part No. - PE9371

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9370 PASTERNACK-PE9370 Datasheet
245Kb / 2P
   75 Ohm N Male to BNC Male Adapter
PE9372 PASTERNACK-PE9372 Datasheet
253Kb / 3P
   TNC Female to UHF Male Adapter
PE9372 PASTERNACK-PE9372 Datasheet
253Kb / 3P
   TNC Female to UHF Male Adapter
PE9373 PASTERNACK-PE9373 Datasheet
250Kb / 2P
   Bulkhead 3/4 inch-20 Female to 3/4 inch-20 Female Adapter
PE9374 PASTERNACK-PE9374 Datasheet
86Kb / 1P
   TWINAX T FEMALE-MALE-FEMALE
More results

Similar Description - PE9371

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9362 PASTERNACK-PE9362 Datasheet
247Kb / 3P
   75 Ohm BNC Female to BNC Female Adapter
PE9363 PASTERNACK-PE9363 Datasheet
256Kb / 3P
   Bulkhead 75 Ohm BNC Female to BNC Female Adapter
PE9368 PASTERNACK-PE9368 Datasheet
244Kb / 2P
   75 Ohm N Female to BNC Male Adapter
PE9369 PASTERNACK-PE9369 Datasheet
255Kb / 3P
   75 Ohm N Male to BNC Female Adapter
PE9153 PASTERNACK-PE9153 Datasheet
233Kb / 2P
   50 Ohm BNC Female to 75 Ohm F Female Adapter
PE9153 PASTERNACK-PE9153 Datasheet
233Kb / 2P
   50 Ohm BNC Female to 75 Ohm F Female Adapter
PE9744 PASTERNACK-PE9744 Datasheet
240Kb / 2P
   Precision 75 Ohm F Female to BNC Female Adapter
PE9306 PASTERNACK-PE9306 Datasheet
353Kb / 3P
   75 Ohm N Female to N Female Adapter
PE9367 PASTERNACK-PE9367 Datasheet
245Kb / 2P
   75 Ohm BNC Female to BNC Female 4 Hole Flange Adapter
PE9366 PASTERNACK-PE9366 Datasheet
250Kb / 3P
   Bulkhead Isolated Ground 75 Ohm BNC Female to BNC Female Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com