Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

US-TUVR-4428 Datasheet(PDF) 3 Page - SL Power Electronics

Part No. US-TUVR-4428
Description  IEC SYSTEM FOR MUTUAL RECOGNITION OF TEST CERTIFICATES FOR ELECTRICAL...
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SLPOWER [SL Power Electronics]
Homepage  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

US-TUVR-4428 Datasheet(HTML) 3 Page - SL Power Electronics

  US-TUVR-4428 Datasheet HTML 1Page - SL Power Electronics US-TUVR-4428 Datasheet HTML 2Page - SL Power Electronics US-TUVR-4428 Datasheet HTML 3Page - SL Power Electronics US-TUVR-4428 Datasheet HTML 4Page - SL Power Electronics US-TUVR-4428 Datasheet HTML 5Page - SL Power Electronics US-TUVR-4428 Datasheet HTML 6Page - SL Power Electronics US-TUVR-4428 Datasheet HTML 7Page - SL Power Electronics US-TUVR-4428 Datasheet HTML 8Page - SL Power Electronics US-TUVR-4428 Datasheet HTML 9Page - SL Power Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Issue Date:
2008-05-16
Page 1 of 2
Report Reference #
E145177-A9-UL-1
Correction 1
2009-04-10
Copyright © 2009
COVER PAGE FOR TEST REPORT
Product Category:
Power Supplies, Medical and Dental
Product Category CCN:
QQHM2, QQHM8
Test Procedure:
Component Recognition
Product:
Component Power Supply
Model/Type Reference:
MW155RAXYFZ, where X represents the output voltage which may be the
number 12, 15, 18 or 24; Y indicates the output connector style which may be any
number from 00-99; F indicates the C14 type AC inlet; and Z represents
non-safety related customer options which may be any number from 00-99.
Rating(s):
Input: 100-240 V~, 50-60 Hz, 2.0-1.0 A
Output:
MW155RA12YFZ: 12 V dc/8.33 (100-110 V~); 12 V dc/9.165 A (>110-240 V~)
MW155RA15YFZ: 15 V dc/7.33 A
MW155RA18YFZ: 18 V dc/6.66 A
MW155RA24YFZ: 24 V dc/5.0 A
Standards:
UL 60601-1, 1st Edition, 2006-04-26 (Medical Electrical Equipment, Part 1:
General Requirements for Safety)
CAN/CSA-C22.2 No. 601.1-M90, 2005 (Medical Electrical Equipment - Part 1:
General Requirements for Safety)
Applicant Name and
Address:
SL POWER ELECTRONICS CORP
6050 KING ST
VENTURA CA 93003
UNITED STATES
This Report includes the following parts, in addition to this cover page:
1. Specific Technical Criteria
2. Clause Verdicts


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn