Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

US-TUVR-4428 Datasheet(PDF) 8 Page - SL Power Electronics

Part No. US-TUVR-4428
Description  IEC SYSTEM FOR MUTUAL RECOGNITION OF TEST CERTIFICATES FOR ELECTRICAL...
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SLPOWER [SL Power Electronics]
Homepage  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

US-TUVR-4428 Datasheet(HTML) 8 Page - SL Power Electronics

Back Button US-TUVR-4428 Datasheet HTML 2Page - SL Power Electronics US-TUVR-4428 Datasheet HTML 3Page - SL Power Electronics US-TUVR-4428 Datasheet HTML 4Page - SL Power Electronics US-TUVR-4428 Datasheet HTML 5Page - SL Power Electronics US-TUVR-4428 Datasheet HTML 6Page - SL Power Electronics US-TUVR-4428 Datasheet HTML 7Page - SL Power Electronics US-TUVR-4428 Datasheet HTML 8Page - SL Power Electronics US-TUVR-4428 Datasheet HTML 9Page - SL Power Electronics US-TUVR-4428 Datasheet HTML 10Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Issue Date:
2008-05-16
Page 4 of 5
Report Reference #
E145177-A9-UL-1
Correction 1
2009-04-10
TRF No.: IEC60601_1C
Underwriters Laboratories Inc.
CF2.2
The output circuits have not been evaluated for
direct patient connection (Type B, BF or CF).
--
CF2.3
The Temperature Test was performed in an
ambient of 25 °C and were calculated for a
raised ambient of 40°C. In some instances, the
temperature test was repeated in an ambient of
40°C to validate the calculation.
--
CF2.4
The power supply was evaluated as Reinforced
insulation between primary and secondary;
basic insulation between primary to heatsink;
and operational insulation between secondary to
heatsink.
--
CF2.5
This power supply has been evaluated as Class I
equipment, continuous operation, and has not
been evaluated for use in the presence of a
flammable anesthetic mixture with air, oxygen,
or nitrous oxide.
--
CF2.6
The output has been evaluated and tested for
operator accessible part. Under normal and
single fault conditions, the outputs do not exceed
25 V ac or 60 V dc.
--
CF2.7
The product was evaluated for desktop and/or
portable use only. Additional evaluation may be
required as part of end product investigation to
insure compliance of the product as mobile
device.
--
CF2.8
Leakage current measurements must be
performed on the combination power supply and
the end-use product.
--
CF2.9
Installation instructions and end product
markings are the responsibility of the end-use
product manufacturer.
--
CF3
At 90V~ input, the 12V model output is derated
to 12Vdc, 8.33A to comply with the temperature
limit. Above 90V~ input, the 12V model complies
with the temperature limit with a rated output
12Vdc, 9.165A
--
CF3.1
Earth leakage current was measured using Figs
10 and 11 of UL60601-1.
--


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn