![]() |
Electronic Components Datasheet Search |
|
US-TUVR-4428 Datasheet(PDF) 6 Page - SL Power Electronics |
|
US-TUVR-4428 Datasheet(HTML) 6 Page - SL Power Electronics |
6 / 10 page ![]() Issue Date: 2008-05-16 Page 2 of 5 Report Reference # E145177-A9-UL-1 Correction 1 2009-04-10 TRF No.: IEC60601_1C Underwriters Laboratories Inc. GENERAL INFORMATION Test item particulars (see also clause 5): Classification of installation and use ......................... : Portable Supply connection ..................................................... : Appliance coupler Accessories and detachable parts included in the evaluation .................................................................. : None Options included ....................................................... : None Possible test case verdicts: - test case does not apply to the test object ............. : N / A - test object does meet the requirement ................... : P(Pass) - test object does not meet the requirement ............. : F(Fail) (acceptable only if a corresponding, less stringent national requirement is "Pass") Abbreviations used in the report: - normal condition ............................................ : N.C. - single fault condition ................ : S.F.C. - operational insulation ..................................... : OP - basic insulation ........................ : BI - basic insulation between parts of opposite polarity: BOP - supplementary insulation ......... : SI - double insulation ............................................ : DI - reinforced insulation ................. : RI General remarks: - "(see Enclosure #)" refers to additional information appended to the Test Report - "(see appended table)" refers to a table appended to the Test Report - Throughout the Test Report a point is used as the decimal separator General Product Information: CA1.0 Report Summary CA1.1 N/A CB1.0 Product Description CB1.1 The MW155RAXYFZ is used as a desktop and/or portable power supply. A green LED is provided to indicate DC output is present. CC1.0 Model Differences CC1.1 The MW155RAXYFZ is Class I unit, where X represents the output voltage which may be the number 12, 15, 18 or 24; Y indicates the output connector style which may be any number from 00-99; F indicates the C14 type AC inlet; and Z represents non-safety related customer options which may be any number from 00-99. The transformers have different turns and gage but have similar construction. |
|