Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

US-TUVR-4428 Datasheet(PDF) 5 Page - SL Power Electronics

Part No. US-TUVR-4428
Description  IEC SYSTEM FOR MUTUAL RECOGNITION OF TEST CERTIFICATES FOR ELECTRICAL...
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SLPOWER [SL Power Electronics]
Homepage  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

US-TUVR-4428 Datasheet(HTML) 5 Page - SL Power Electronics

  US-TUVR-4428 Datasheet HTML 1Page - SL Power Electronics US-TUVR-4428 Datasheet HTML 2Page - SL Power Electronics US-TUVR-4428 Datasheet HTML 3Page - SL Power Electronics US-TUVR-4428 Datasheet HTML 4Page - SL Power Electronics US-TUVR-4428 Datasheet HTML 5Page - SL Power Electronics US-TUVR-4428 Datasheet HTML 6Page - SL Power Electronics US-TUVR-4428 Datasheet HTML 7Page - SL Power Electronics US-TUVR-4428 Datasheet HTML 8Page - SL Power Electronics US-TUVR-4428 Datasheet HTML 9Page - SL Power Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Issue Date:
2008-05-16
Page 1 of 5
Report Reference #
E145177-A9-UL-1
Correction 1
2009-04-10
TRF No.: IEC60601_1C
Underwriters Laboratories Inc.
SPECIFIC TECHNICAL CRITERIA
TEST REPORT
UL 60601-1
Medical Electrical Equipment
Part 1: General requirements for safety
Report Reference No ........................: E145177-A9-UL-1
Compiled by .....................................: Ahmad Daoudi
Reviewed by ....................................: Marc M. Mouser
Date of issue ....................................: 2008-05-16
Standards .........................................: UL 60601-1, 1st Edition, 2006-04-26 (Medical Electrical Equipment,
Part 1: General Requirements for Safety)
CAN/CSA-C22.2 No. 601.1-M90, 2005 (Medical Electrical Equipment -
Part 1: General Requirements for Safety)
Test procedure .................................: Component Recognition
Non-standard test method ...............: N/A
Test item
description .......................: Component Power Supply
Trademark ........................................:
Model and/or type reference ............: MW155RAXYFZ, where X represents the output voltage which may be
the number 12, 15, 18 or 24; Y indicates the output connector style
which may be any number from 00-99; F indicates the C14 type AC
inlet; and Z represents non-safety related customer options which may
be any number from 00-99.
Rating(s) ...........................................: Input: 100-240 V~, 50-60 Hz, 2.0-1.0 A
Output:
MW155RA12YFZ: 12 V dc/8.33 (100-110 V~); 12 V dc/9.165 A
(>110-240 V~)
MW155RA15YFZ: 15 V dc/7.33 A
MW155RA18YFZ: 18 V dc/6.66 A
MW155RA24YFZ: 24 V dc/5.0 A


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn